Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-5W1-R2

  • AI
    The **M2UDS-5W1-R2** is a high-precision, plug-in type digital multi-unit converter (specifically a **frequency to analog output** converter) manufactured by **M-System**. It is designed to convert pulse string signals into standard DC output signals. --- ### ## Technical Specifications The following table summarizes the key electronic characteristics of the M2UDS-5W1-R2 model: | Parameter | Specification | | :--- | :--- | | **Function** | Pulse-to-Analog Converter (Frequency Converter) | | **Input Type** | Dry contact, open collector, or voltage pulse | | **Output Type** | 4 – 20 mA DC (Internal Load Resistance: 600 $\Omega$ max.) | | **Power Input** | 24 V DC | | **Response Time** | 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.1% of span | | **Mounting** | Surface or DIN rail (Socket-type) | --- ### ### Core Electronic Components & Architecture The device is composed of several critical electronic stages to ensure signal integrity and isolation: 1. **Input Conditioning Circuit:** * Features a Schmitt trigger circuit to clean up noisy pulse signals. * Supports various pulse types via jumper settings or specific wiring (e.g., detecting zero-cross or high-frequency pulses). 2. **Frequency-to-Voltage (F/V) Converter:** * This is the "brain" of the unit. It measures the time interval between pulses or counts the frequency and translates it into a precise digital representation. 3. **Galvanic Isolation:** * The unit provides **three-way isolation** (Input to Output to Power). This is achieved using optoisolators and transformers to prevent ground loops and protect sensitive PLC inputs. 4. **Output Driver:** * A precision current source that converts the internal processed signal into the standard 4-20mA loop. --- ### ### Key Features * **Zero/Span Adjustments:** Located on the front panel, these allow for fine-tuning the output signal without specialized software. * **Operating Indicator:** A front-facing LED indicates the power status and signal input activity. * **Low-cut Function:** Many units in this series include a low-cut function to force the output to 0% if the input frequency drops below a certain threshold. --- ### ### Wiring Example ```markdown [Terminal Layout] 1. Output (+) 4-20mA 2. Output (-) 3. Input (+) 4. Input (-) 5. Power (24V DC +) 6. Power (24V DC -) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pulse input range limits for the M2UDS?
    • ⤷ How does the three-way isolation benefit industrial control systems?
    • ⤷ Can the output signal be changed from current to voltage (e.g.
    • ⤷ 0-10V) on this specific model?