M2UDS-5WE-R/N
AI

The **M2UDS-5WE-R/N** is a specialized electronic signal conditioner (specifically a **potentiometer transmitter**) manufactured by **M-System**. Its primary function is to monitor the position of a potentiometer (slidewire) and convert that mechanical position into a standardized DC electrical signal.
---
### 1. Key Technical Specifications
The model number breakdown indicates specific electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Model Series** | M2UDS | Potentiometer Transmitter (Plug-in type) |
| **Input Signal** | 5 | 100 Ω to 10 kΩ (Potentiometer resistance) |
| **Output Signal** | W | 4 – 20 mA DC (Current output) |
| **Power Supply** | R | 24V DC |
| **Special Option** | N | None (Standard configuration) |
| **Accuracy** | ±0.1% | High precision signal conversion |
| **Response Time** | ≤ 0.5 sec | Time to reach 90% of final value |
---
### 2. Functional Components
The device consists of several internal electronic stages to ensure signal integrity:
1. **Excitation Circuit:** Provides a stable reference voltage to the external potentiometer.
2. **Input Buffer:** High-impedance circuit that reads the wiper position without loading the sensor, preventing measurement errors.
3. **Zero/Span Adjustments:** Accessible via the front panel to calibrate the output to specific physical limits (e.g., 0% and 100% stroke).
4. **Isolation Barrier:** Features **2000V AC isolation** between Input, Output, and Power. This protects control systems from surges and ground loops.
5. **Output Driver:** Converts the processed signal into a steady 4–20 mA current loop capable of driving loads up to 550 Ω.
---
### 3. Connection Pinout (Base Socket)
The unit typically uses an 8-pin or 11-pin plug-in base. Below is the standard mapping for the M2UDS series:
| Pin Number | Function | Details |
| :--- | :--- | :--- |
| **1 & 2** | Output (+) / (-) | 4-20 mA DC Signal |
| **3 & 4** | Power Supply | 24V DC (Check polarity) |
| **5** | Potentiometer CW | Clockwise end |
| **6** | Potentiometer Wiper | Sliding contact |
| **7** | Potentiometer CCW | Counter-clockwise end |
---
### 4. Applications
* **Valve Position Sensing:** Converting the rotation of a valve stem into a feedback signal for a PLC.
* **Tank Level:** Using a float-operated potentiometer to measure fluid depth.
* **Mechanical Displacement:** Tracking the movement of heavy machinery components.
- ⤷
How do I calibrate the Zero and Span settings on this specific model?
- ⤷ What is the maximum allowable resistance for the output loop?
- ⤷ Can this unit be used with a 3-wire potentiometer?