Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-A1-R

  • AI
    The **M2UDS-A1-R** is a specific model within the **M2U series** of digital indicators/transmitters, typically manufactured by **M-System**. These devices are used in industrial automation to convert analog signals into digital displays and isolated analog outputs. --- ## 1. Core Specifications and Electronics The internal electronics are designed for high-precision signal processing and isolation. | Feature | Specification Details | | :--- | :--- | | **Input Signal** | DC Current or Voltage (Universal range) | | **Display** | 4-digit, 7-segment LED (Red) | | **Power Input** | 100 – 240V AC (Standard for 'R' suffix) | | **Output** | DC Output (Current/Voltage) + Alarm Outputs | | **Isolation** | 3-way isolation (Input to output to power) | | **Sampling Rate** | Approx. 100 milliseconds | --- ## 2. Component Breakdown The "M2UDS-A1-R" model code breaks down into these electronic configurations: ### A. The Microprocessor and ADC * **A/D Converter:** The device uses a high-resolution Analog-to-Digital converter to translate the incoming sensor signal into a digital value for the LED display. * **Scaling Logic:** Users can program the "zero" and "span" electronically via the front buttons, allowing the device to map a 4-20mA input to any custom range (e.g., 0-100%). ### B. Output & Isolation Electronics * **Isolation Transformer:** The "3-way isolation" ensures that electrical noise or surges on the power line or input side do not damage the PLC/DCS connected to the output. * **D/A Converter:** After processing, the digital value is converted back to an isolated analog signal (retransmission). ### C. Power Supply ('-R') * The **'R'** designation typically refers to the power requirement. * **Electronic Spec:** 100–240V AC, 50/60 Hz. * It includes internal rectification and filtering to provide stable DC voltage to the internal sensing circuits. --- ## 3. Terminal Connection Diagram (General) The electronics are interfaced via a plug-in base. ```text [ Power Supply ] --- (1) L (+) --- (2) N (-) [ Input Signal ] --- (5) Input + --- (6) Input - [ Output Signal] --- (3) Output + --- (4) Output - ``` --- ## 4. Key Electronic Features * **Non-Volatile Memory (EEPROM):** Configuration data (scaling, alarm setpoints) is stored in memory that does not require a battery and survives power outages. * **Burnout Protection:** The electronics can be configured to "upscale" or "downscale" the output if the input wire is broken. * **Noise Filtering:** Digital filters are implemented in the firmware to stabilize the display if the input signal is "noisy."
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2UDS-A1-R?
    • ⤷ What are the specific alarm contact ratings for this model?
    • ⤷ Can the M2UDS-A1-R support 24V DC power instead of AC?