M2UDS-A1-R2/N
AI

The **M2UDS-A1-R2/N** is a specific model within the **M2 Series** of plug-in signal conditioners manufactured by **M-System** (now often branded as **MG CO., LTD.**). It is a digital indicator with a signal conditioning function, typically used in industrial automation to convert and display analog signals.
---
### 1. Model Code Breakdown
Understanding the specific nomenclature of the device helps identify its electrical characteristics:
| Code Segment | Description | Specific Detail for this Model |
|:---|:---|:---|
| **M2UDS** | Model Series | Digital Indicator with Signal Conditioner (Direct Current Input) |
| **A1** | Input Type | 4 – 20 mA DC |
| **R** | Output Type | 4 – 20 mA DC (Isolated) |
| **2** | Power Input | 100 – 240V AC |
| **N** | Standards/Options | No special certifications (Standard CE) |
---
### 2. Key Electronic Components & Features
The device acts as a bridge between a sensor and a PLC/Controller while providing a local visual readout.
#### A. Input Section (4-20mA)
* **Input Impedance:** Usually around 250 $\Omega$ for current inputs.
* **Protection:** Includes surge protection to prevent damage from line spikes.
* **A/D Conversion:** The analog current is converted into a digital value via an internal Analog-to-Digital Converter for processing by the internal microprocessor.
#### B. Display & Interface
* **Display Type:** 4-digit, 7-segment LED.
* **Scaling:** The 4-20mA input can be scaled to represent engineering units (e.g., 0 to 100.0% or 0 to 500 Bar).
* **User Keys:** Front-panel buttons allow for calibration and scaling without needing an external PC.
#### C. Output Section (4-20mA Isolated)
* **Isolation:** The input, output, and power supply are mutually isolated. This prevents ground loops and protects sensitive PLC inputs.
* **Drive Capability:** Typically supports a load resistance of up to 550 $\Omega$.
* **Response Time:** Generally $\leq$ 0.5 seconds (to 90% of the signal).
#### D. Power Supply
* **Voltage Range:** 85 to 264V AC (Wide range).
* **Internal SMPS:** Uses a Switch-Mode Power Supply to step down the AC voltage to the DC levels required by the internal ICs.
---
### 3. Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Accuracy** | ±0.1% of span |
| **Temperature Coefficient** | ±0.015%/°C (±0.008%/°F) |
| **Insulation Resistance** | 100 M$\Omega$ or more with 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power to Ground) |
| **Construction** | Plug-in base (Standard 8-pin or 11-pin socket depending on variation) |
---
### 4. Typical Connection Diagram (Simplified)
```text
[ SOURCE: 4-20mA ] ------> [ Pins 1(+) & 2(-) ] : INPUT
[ 100-240V AC ] ------> [ Pins 7(L) & 8(N) ] : POWER
[ PLC / RECEIVER ] <------ [ Pins 4(+) & 5(-) ] : OUTPUT
```
---
- ⤷How do I calibrate the zero and span settings on the M2UDS-A1-R2/N?
- ⤷ What is the specific 8-pin base socket model required for this unit?
- ⤷ Can the output signal be changed from 4-20mA to 0-10V via internal jumpers?