M2UDS-A10-R2
AI

The **M2UDS-A10-R2** is a specific electronic component typically categorized as a **Limit Switch** or **Position Sensor**, often used in industrial automation, robotics, and security systems. Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
This device functions as a mechanical interface that converts physical motion into an electrical signal.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Micro-limit Switch / Push Button |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Current Rating** | 5A to 10A (Depending on application load) |
| **Actuator Type** | Plunger or Lever-driven |
| **Terminal Type** | Solder or Quick-connect terminals |
---
## 2. Key Electronic Components
The internal structure of the M2UDS-A10-R2 consists of several critical parts that ensure reliable switching:
### A. Contact Points
* **Material:** Usually Silver or Gold-plated alloy to ensure low contact resistance and prevent oxidation.
* **Function:** Physically opens or closes the circuit when the actuator is pressed.
### B. Spring Mechanism
* **Snap-Action Design:** Uses a high-tension spring to ensure that the contacts move rapidly between positions regardless of the speed of the physical trigger. This minimizes "arcing" (electrical sparks) and extends the life of the switch.
### C. Housing (Casing)
* **Material:** Heat-resistant thermoplastic (PBT or Phenolic resin).
* **Function:** Provides electrical insulation and protects internal parts from dust and moisture (often rated IP40 or higher).
---
## 3. Wiring Configuration
The "R2" suffix often denotes specific terminal orientation or a specific wiring configuration. Most M2UDS models follow this standard pinout:
1. **COM (Common):** The input terminal where the power enters.
2. **NO (Normally Open):** The circuit is open until the switch is pressed.
3. **NC (Normally Closed):** The circuit is closed until the switch is pressed.
---
## 4. Common Applications
* **Safety Interlocks:** Ensuring a machine door is closed before operation begins.
* **End-stop Detection:** Used in 3D printers or CNC machines to define the "Home" position.
* **Object Sensing:** Detecting the presence of a part on a conveyor belt.
---
- ⤷
What is the maximum electrical life cycle of the M2UDS-A10-R2 switch?
- ⤷ Does this model have an IP rating for water and dust resistance?
- ⤷ How does the 'R2' suffix change the mounting or wiring compared to the standard version?