M2UDS-A1B-R2
AI

The **M2UDS-A1B-R2** is a specific model within the **M2UDS series**, which are high-performance, plug-in type **Digital Temperature Controllers** or **Signal Conditioners** typically manufactured by companies like **M-System**.
This specific part is designed for industrial automation to convert or control temperature signals (typically from thermocouples or RTDs) into standard process signals.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Series** | M2UDS (Ultra-Slim Signal Conditioners) |
| **Input Type** | Universal (Thermocouple, RTD, DC voltage/current) |
| **Output** | Relay contact or Current/Voltage (Model dependent) |
| **Power Input (R2)** | 100 – 240V AC (indicated by "R2" suffix) |
| **Mounting** | DIN Rail or Plug-in Base |
| **Accuracy** | Generally ±0.1% of span |
| **Response Time** | $\leq$ 0.5 seconds |
---
### 2. Breakdown of Part Number Components
The alphanumeric code provides specific details about the internal hardware:
* **M2UDS**: The base series. These are characterized by their slim profile and high dielectric strength between input, output, and power.
* **A1**: Typically refers to the **Output 1** configuration (often a 4-20mA DC signal or a specific relay type).
* **B**: Often indicates a specific **Output 2** or a communication option (like an alarm output).
* **R2**: This is the **Power Supply** designation. In this series, "R2" usually signifies a wide-range AC power input (100-240V AC).
---
### 3. Key Electronic Functions
1. **Signal Isolation**: It provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges in the field.
2. **Cold Junction Compensation (CJC)**: If used with thermocouples, the internal circuitry compensates for the temperature at the terminal block to ensure measurement accuracy.
3. **Linearization**: The internal processor converts non-linear sensor signals (like a Type K thermocouple) into a linear 4-20mA or 0-10V signal.
4. **Burnout Protection**: The device can be configured to drive the output to a specific "safe" value (high or low) if the sensor wire breaks.
---
### 4. Typical Wiring Diagram Layout
```mermaid
graph LR
A[Sensor: TC/RTD] --> B(M2UDS-A1B-R2)
C[Power: 100-240V AC] --> B
B --> D[Output: 4-20mA / Relay]
B --> E[Alarm/Secondary Output]
```
---
- ⤷
What are the specific terminal connections for the M2UDS-A1B-R2?
- ⤷ How do I configure the input type (Thermocouple vs RTD) on this unit?
- ⤷ What is the difference between the R2 and M2 power supply versions?