Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-B4-R2

  • AI
    The **M2UDS-B4-R2** is a specific model within the **M2UDS series**, which are high-performance, plug-in type digital multi-transducers primarily manufactured by companies like **M-System**. These devices are designed to measure various electrical parameters in a power system and convert them into standard analog or digital outputs. --- ### 1. Technical Specifications Overview The model name "M2UDS-B4-R2" breaks down into specific hardware configurations: | Component Code | Description | Details | | :--- | :--- | :--- | | **M2UDS** | Series Name | Plug-in Multi-Transducer | | **B** | Input Type | 3-phase, 3-wire system | | **4** | Output Type | 4 to 20 mA DC (Current output) | | **R** | Power Input | 24V DC | | **2** | Measurement | Universal (Voltage, Current, Power, etc.) | --- ### 2. Core Electronic Functions The internal circuitry of the M2UDS-B4-R2 consists of several critical electronic stages: #### A. Input Signal Conditioning * **PT/CT Inputs:** The device receives low-level signals from potential transformers (PT) and current transformers (CT). * **Isolation:** Uses high-isolation transformers to ensure the high-voltage power lines are electronically separated from the sensitive processing circuitry. #### B. Digital Processing Unit (Microprocessor) * **True RMS Calculation:** The onboard chip performs high-speed sampling of the AC waveform to calculate True RMS values, preventing errors caused by harmonics. * **Multi-Parameter Calculation:** It simultaneously calculates: * Voltage ($V$) and Current ($I$) * Active Power ($P$), Reactive Power ($Q$), and Apparent Power ($S$) * Power Factor ($\cos \phi$) and Frequency ($Hz$) #### C. Output Stage * **D/A Converter:** Converts the digital processed data into a precise analog voltage or current. * **Current Loop:** Specifically, for the "4" code, it generates a stable **4-20mA DC** signal proportional to the selected parameter. --- ### 3. Hardware Features 1. **Plug-in Base:** The electronic assembly is housed in a "plug-in" module, allowing for easy replacement without disturbing the wiring on the base socket. 2. **Display:** Usually features a 4-digit LED or LCD on the front panel to show real-time measured values and facilitate local programming. 3. **Configurability:** Users can change which parameter is mapped to the analog output using the front buttons or PC-based software. --- ### 4. Application Context The M2UDS-B4-R2 is typically found in: * **SCADA Systems:** Providing real-time power data to remote monitoring stations. * **Industrial PLC Integration:** Translating high-voltage AC data into a 4-20mA signal that a standard PLC analog input card can read. * **Energy Management:** Tracking power consumption in manufacturing plants.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the 4-20mA output range on this device?
    • ⤷ What is the maximum voltage and current input rating for the B4-R2 model?
    • ⤷ Does the M2UDS series support RS-485 Modbus communication?