M2UDS-C1-R/
AI

The **M2UDS-C1-R** is a specific model within the M2UDS series of **Digital Speed Indicators** (Tachometers) manufactured by **Autonics**. These devices are primarily used to measure and display the rotation speed (RPM) or peripheral speed of motors and machinery.
Below is a breakdown of its technical specifications and electronic components.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | M2UDS-C1-R |
| **Input Type** | Pulse (Contact, NPN Open Collector, Voltage Pulse) |
| **Display Method** | 4-digit LED (Red) |
| **Power Supply** | 100-240VAC 50/60Hz |
| **Max. Input Frequency** | 10kHz (Solid-state), 30Hz (Contact) |
| **Prescale Function** | Supported (Converts pulses to RPM/m/min) |
| **Operating Temp** | -10°C to 50°C |
---
### 2. Core Electronic Components & Functions
The M2UDS-C1-R consists of several internal electronic stages that process signals from industrial sensors:
#### A. Input Circuitry (Signal Conditioning)
* **Optocouplers:** Used to isolate the sensitive internal logic from electrical noise coming from the input sensors (Proximity sensors, encoders).
* **Schmitt Trigger:** Squares off irregular pulse signals into clean square waves for the CPU to process accurately.
#### B. Processing Unit (MCU)
* **Microcontroller:** The "brain" of the unit. It measures the interval between incoming pulses or counts pulses over a fixed gate time.
* **EEPROM:** Stores the user-defined "Prescale" values and settings so they are not lost during power failure.
#### C. Power Supply Section
* **Switching Mode Power Supply (SMPS):** Converts the AC input (100-240V) into low-voltage DC (usually 5V and 12V) required by the internal chips and the external sensor.
* **Sensor Power Output:** Provides a DC power source (typically 12VDC 50mA) to power the connected proximity or photo sensor directly.
#### D. Display Driver
* **LED Driver IC:** Controls the high-brightness 7-segment red LED display. It uses multiplexing to cycle through the 4 digits rapidly to reduce power consumption.
---
### 3. Wiring Configuration
To function, the electronic terminals are usually mapped as follows:
1. **Power Input:** Terminals for the AC line (L, N).
2. **Sensor Input:** Terminals for Signal (IN), Power Out (+12V), and Ground (0V).
3. **Hold/Reset:** Electronic inputs to pause the display or clear the current reading.
---
### 4. Application Logic
The device operates on the formula:
`Display Value = Input Frequency × Prescale Value`
This allows the electronic parts to translate a pulse from a gear tooth into a meaningful value like "Meters per Minute" or "Rotations per Minute."
- ⤷
How do I calculate the prescale value for a 60-pulse encoder?
- ⤷ Can this model trigger a relay alarm if the speed is too high?
- ⤷ What are the differences between NPN and PNP input types for this device?