AI

The **M2UDS-C3-R/CE** is a high-precision digital multi-metering transducer manufactured by **M-System (now MG CO., LTD.)**. It is designed to measure various electrical parameters in a power system and convert them into isolated DC output signals or digital communication data.
---
### ## Technical Specifications Overview
The model code identifies specific electronic characteristics of the unit:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model** | M2UDS | Multi-metering Transducer (Unit type) |
| **Configuration** | C3 | 3-phase, 3-wire system |
| **Power Input** | R | 24V DC auxiliary power |
| **Standards** | CE | Conformity with European Safety Standards |
| **Mounting** | DIN Rail | Standard 35mm rail mounting |
---
### ## Core Electronic Components & Functions
#### 1. Input Processing Block
* **Voltage Inputs:** Designed to interface with Potential Transformers (PT) or direct AC lines.
* **Current Inputs:** Designed for Current Transformers (CT). The device samples the analog sine waves and converts them into digital data using internal **A/D Converters**.
* **Measurement Parameters:** It calculates True RMS values for Voltage, Current, Active Power, Reactive Power, Apparent Power, Power Factor, and Frequency.
#### 2. Isolation & Safety
* **Galvanic Isolation:** The unit features high-level isolation between the input, output, and power supply. This protects downstream electronic equipment (like PLCs) from high-voltage surges or electrical noise.
* **Dielectric Strength:** Typically rated for 2000V AC for 1 minute.
#### 3. Output Interface
* **Analog Outputs:** Provides proportional DC signals (e.g., 4–20mA or 1–5V) corresponding to the measured power values.
* **Digital Communication:** Usually equipped with **Modbus RTU (RS-485)**, allowing it to be integrated into SCADA systems or Building Management Systems (BMS).
#### 4. Power Supply Section (Suffix -R)
* **Input Voltage:** 24V DC.
* **Protection:** Includes reverse polarity protection and internal filtering to handle ripple in the DC supply.
---
### ## Application Context
This device is commonly used in **Energy Management Systems (EMS)**. Its electronic circuitry is optimized for high accuracy (typically 0.5% for most parameters) and long-term stability in industrial environments.
---
- ⤷
How do I configure the Modbus registers for this specific model?
- ⤷ What are the wiring differences between the 3-phase 3-wire and 3-phase 4-wire versions?
- ⤷ Does this model support pulse outputs for energy (kWh) tracking?