AI

The **M2UDS-D2-R** is a specific model within the M2UDS series of **Digital Setting Type Temperature Controllers** (often associated with brands like Hanyoung Nux or similar industrial automation manufacturers). These devices are used to regulate temperatures in industrial processes such as ovens, packaging machines, or plastic extruders.
### 1. Key Technical Specifications
The model name typically breaks down into specific electronic configurations. Below are the primary technical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Input Type** | Thermocouple (typically K or J type) or RTD (Pt100) |
| **Control Method** | ON/OFF or Proportional (P) Control |
| **Output Type** | **Relay Contact** (Indicated by the "R" suffix) |
| **Setting Method** | Digital Push-wheel / Digital Switch |
| **Power Supply** | 100 - 240V AC (50/60Hz) |
| **Alarm Output** | Typically 1 or 2 alarm contacts (Model dependent) |
---
### 2. Internal Electronic Components
The device consists of several critical electronic subsystems:
#### A. Power Supply Module
* **Switching Mode Power Supply (SMPS):** Converts the AC mains voltage (110/220V) down to the DC voltages required for the internal logic and sensors.
* **Protection:** Includes fuses and varistors (MOVs) to protect against voltage surges.
#### B. Sensing and Input Circuitry
* **Cold Junction Compensation:** Essential for thermocouples to ensure accuracy by compensating for the ambient temperature at the controller terminals.
* **A/D Converter:** A high-precision Analog-to-Digital converter translates the millivolt signal from the sensor into a digital value.
#### C. Control Logic (Microprocessor)
* The "Brain" of the unit. It compares the **Set Value (SV)** from the digital switches against the **Process Value (PV)** from the sensor to decide whether to trigger the output.
#### D. Output Section (The "R" Suffix)
* **Mechanical Relay:** The "R" signifies a relay output.
* **Capacity:** Usually rated at 250V AC / 3A or 5A.
* **Function:** It physically opens and closes a contact to energize a heater or a contactor coil.
---
### 3. Connection Terminals
For standard M2UDS models, the wiring is generally organized as follows:
1. **Power:** Terminals for AC Input.
2. **Sensor:** Terminals for Thermocouple (+/-) or RTD (A, B, B').
3. **Control Output:** Common (COM), Normally Open (NO), and Normally Closed (NC) pins for the Relay.
4. **Alarm:** Separate relay terminals for high/low temperature warnings.
---
### 4. Comparison: Relay vs. SSR Output
| Part Code | Output Component | Best Used For |
| :--- | :--- | :--- |
| **M2UDS-D2-R** | **Mechanical Relay** | Slow cycles, simple heaters, high power contactors. |
| **M2UDS-D2-S** | **SSR Drive (Voltage)** | Fast pulsing, PID control, high precision. |
---
- ⤷
How do I wire a K-type thermocouple to the M2UDS-D2-R?
- ⤷ What is the difference between ON/OFF and Proportional control on this device?
- ⤷ How do I troubleshoot a 'sensor break' error on this controller?