M2UDS-D3-R2
AI

The **M2UDS-D3-R2** is a specific model of an **M2-series Multi-Unit Digital Setpoint Potentiometer** (Signal Conditioner) manufactured by **M-System**.
This device is primarily used in industrial automation to convert a digital input (contact closures or pulses) into an analog control signal, effectively acting as a "motorized potentiometer" without the moving mechanical parts.
### 1. Technical Specifications Breakdown
The model number **M2UDS-D3-R2** identifies the following electronic configuration:
| Code Segment | Specification | Description |
| :--- | :--- | :--- |
| **M2UDS** | Base Model | Digital Setpoint Potentiometer (M2 Series) |
| **D** | Input Type | Up/Down contact input (Dry contact or Open collector) |
| **3** | Output Type | 0 – 1V DC (High impedance) |
| **R** | Power Input | 24V DC |
| **2** | Reference | Standard Version / Design revision |
---
### 2. Core Electronic Components & Functions
The internal circuitry of the M2UDS-D3-R2 is composed of several critical functional blocks:
#### A. Input Circuit (Digital Interface)
The device features terminals for **UP**, **DOWN**, and **RESET** signals.
* **Optoisolators:** The inputs are typically optically isolated to protect the internal logic from electrical noise and surges on the field wiring.
* **Logic Controller:** A microprocessor or logic gate array tracks the duration of the contact closure.
#### B. Memory (EEPROM/Non-volatile Storage)
* The "Digital Potentiometer" aspect means it remembers its last position.
* Upon power loss, the electronic memory stores the current output value so it can resume from the same level when power is restored (unless a reset is triggered).
#### C. D/A Converter (Digital to Analog)
* Since the internal processing is digital, an **R-2R ladder** or a specialized **DAC chip** is used to convert the digital count into a precise voltage level.
* This ensures high linearity and repeatability compared to mechanical wipers.
#### D. Output Buffer (Operational Amplifiers)
* The **"3" code (0-1V DC)** indicates a specific voltage output stage.
* Precision Op-Amps are used to ensure the output voltage remains stable despite changes in temperature or minor fluctuations in power supply.
---
### 3. Key Electronic Performance Features
* **Ramp Rate Adjustment:** Includes internal trimmers or DIP switches to set how fast the output increases or decreases when the UP/DOWN contacts are held.
* **Galvanic Isolation:** Provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS analog input cards.
* **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute between power and ground.
---
### 4. Connection Diagram (Simplified)
```mermaid
graph LR
A[Up/Down Contacts] --> B(M2UDS-D3-R2)
C[24V DC Power] --> B
B --> D[0-1V DC Analog Output]
```
- ⤷
What are the specific wiring requirements for the Up/Down contact inputs?
- ⤷ How do you adjust the 'Full-scale' and 'Zero' settings on this model?
- ⤷ Can the output be converted from 0-1V to 4-20mA using an external module?