M2UDS-D4-R/N
AI

Based on your query, the part number **M2UDS-D4-R/N** typically refers to a high-performance, industrial-grade **Solid State Drive (SSD)**, often part of Advantech’s SQFlash series (specifically the M.2 2242 form factor).
Below is a breakdown of its electronic specifications and characteristics.
### 1. General Specifications
The device is designed for embedded systems where reliability and physical space are critical constraints.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 (D4 design) |
| **Interface** | SATA III (6.0 Gbps) |
| **Flash Type** | 3D TLC (Tri-Level Cell) |
| **Capacity Range** | Typically 32GB to 512GB (Varies by SKU) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Electronic Components
#### A. Controller
The "brain" of the SSD. It manages data placement (wear leveling), error correction (ECC), and the SATA interface protocol. In this series, the controller usually supports:
* **LDPC ECC:** Low-Density Parity-Check to ensure data integrity.
* **S.M.A.R.T. Monitoring:** Electronic reporting of drive health.
#### B. NAND Flash Memory
The storage component. The "UDS" designation often refers to the use of **3D NAND** technology.
* **Electronic Stacking:** Instead of laying cells flat, they are stacked vertically to increase density without increasing the physical footprint.
* **Voltage Management:** Precise voltage gates are used to store 3 bits per cell.
#### C. Power Management Circuitry
The PCB includes surface-mount components (SMD) to regulate power:
* **Voltage Regulators:** Converts host power (typically 3.3V) to the internal voltages required by the NAND and Controller.
* **Power-on Reset (POR):** Ensures the device initializes correctly when power is applied.
---
### 3. Mechanical & Pinout Configuration
The M.2 interface uses a specific physical layout to ensure electrical compatibility.
* **Keying:** Usually **B+M Key** to maximize compatibility with various motherboard slots.
* **Connector Pins:** Gold-plated fingers for high-speed signal integrity and corrosion resistance.
---
### 4. Part Number Decoder (Typical)
While internal manufacturer codes vary, the string generally breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **M2** | Form Factor (M.2) |
| **UDS** | Product Series / NAND Type (3D TLC) |
| **D4** | Dimension / PCB Type (2242) |
| **R/N** | Specific Revision or Packaging code |
---
### Summary of Performance
These electronic parts are optimized for **Write Endurance** and **Shock/Vibration Resistance**, making them significantly more robust than consumer-grade SSDs found in laptops.
- ⤷
What is the TBW (Total Bytes Written) rating for this specific SSD?
- ⤷ Does this model support AES-256 hardware encryption?
- ⤷ How does the M.2 2242 form factor differ electrically from M.2 2280?