M2UDS-D4-R2
AI

Based on the model number provided, the **M2UDS-D4-R2** is a specialized electronic component typically associated with industrial automation and signal conversion, specifically within the **M-System (now MG CO., LTD.)** M2 Series.
Below is a detailed breakdown of its electronic specifications and functions.
---
## 1. Device Overview
The M2UDS-D4-R2 is a **Self-Powered Signal Conditioner** (often referred to as a "Universal Signal Divider" or "Isolator"). Its primary purpose is to take one DC input signal and provide two isolated DC output signals.
### Key Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2 Series (Plug-in Signal Conditioners) |
| **Input Type** | DC Current or Voltage (User specified/Configurable) |
| **Output Type** | Dual Isolated DC Outputs |
| **Power Input** | 24V DC (indicated by "R" in the suffix) |
| **Isolation** | Input to Output 1 to Output 2 to Power |
| **Mounting** | DIN Rail or Surface Mount via Socket |
---
## 2. Electronic Part Breakdown (Nomenclature)
The model string can be decoded as follows to understand the electronic characteristics:
* **M2**: The series designation (Mini-M Series).
* **UDS**: Function code for a **Universal Unit** or **Signal Divider**.
* **D4**: Refers to the Input/Output range configuration (typically indicates specific voltage or current ranges like 4-20mA or 1-5V).
* **R**: Power Input code. **R** usually denotes **24V DC**.
* **2**: Output 2 configuration or a revision code indicating specific terminal arrangements.
---
## 3. Technical Features
### A. Signal Isolation
The device utilizes optical or magnetic isolation (Galvanic isolation). This protects sensitive PLCs or DCS controllers from surges and ground loops occurring at the field sensor level.
### B. Dual Outputs
This part is electronically unique because it allows for "Signal Splitting."
* **Example:** You can send a 4-20mA signal from a flow meter to the M2UDS. Output 1 can go to a local display, and Output 2 can go to a remote SCADA system simultaneously without signal degradation.
### C. Accuracy and Response
* **Accuracy:** Typically within ±0.1% of span.
* **Response Time:** Usually $\leq$ 0.5 seconds (to reach 90% of signal change).
* **Temperature Coefficient:** $\pm$0.015% per degree Celsius.
---
## 4. Connection Diagram (General)
| Terminal | Function |
| :--- | :--- |
| **1 & 2** | Power Input (24V DC) |
| **3 & 4** | Input Signal (+ / -) |
| **5 & 6** | Output 1 (+ / -) |
| **7 & 8** | Output 2 (+ / -) |
---
- ⤷What is the specific input range for the D4 configuration?
- ⤷ How do I wire this device to a 4-20mA loop?
- ⤷ What are the mounting socket requirements for the M2 series?