AI

The **M2UDS-D4-R2/N** is a specific model within the **M2UDS Series** of digital panel meters manufactured by **M-System** (now part of MG CO., LTD). These devices are high-performance digital indicators designed for industrial monitoring and automation.
---
### 1. Model Breakdown (Technical Specifications)
The alphanumeric code describes the specific configuration of the unit:
| Code Segment | Description | Details |
| :--- | :--- | :--- |
| **M2UDS** | **Series Name** | 1/8 DIN Digital Panel Meter (Universal Input) |
| **D4** | **Display Size/Type** | 4-digit, high-visibility red LED display |
| **R2** | **Output Configuration** | 2 Alarm relay outputs (High/Low) |
| **N** | **Power Input** | Typically indicates 100 – 240V AC power supply |
---
### 2. Core Electronic Components
The device consists of several integrated electronic subsystems:
#### A. Signal Conditioning & Input Stage
The "U" in M2UDS stands for **Universal Input**. The internal circuitry includes:
* **Precision Resistor Network:** Used to scale DC voltage (up to ±10V) or current (4-20mA) signals.
* **High-Resolution A/D Converter:** Converts the analog industrial signal into a digital value for the microprocessor.
* **Galvanic Isolation:** Optoisolators provide electrical separation between the input signal, power supply, and output to prevent ground loops.
#### B. Processing & Control
* **Microcontroller (MCU):** An 8-bit or 16-bit processor handles the linearization of the input signal, applies scaling factors (e.g., converting 4mA to "0" and 20mA to "100"), and monitors alarm thresholds.
* **EEPROM Memory:** Stores user configuration and calibration data so that settings are not lost during power outages.
#### C. Output & Indication
* **Relay Drivers:** Electronic switches that trigger the mechanical or solid-state relays for the R2 (2-point) alarm outputs.
* **LED Driver Circuitry:** Controls the 4-digit segment display, managing brightness and refresh rates.
---
### 3. Key Electronic Features
1. **Scaling Capability:** Allows the user to program the display to represent physical units (PSI, °C, Liters) based on the electrical input.
2. **Universal Power Supply:** The "N" variant usually features a switching power supply (SMPS) capable of handling a wide range of AC voltages (100V to 240V).
3. **Hysteresis Control:** The electronic logic allows for adjustable "dead bands" on the alarm outputs to prevent relay chattering near the setpoint.
---
### 4. Typical Wiring Terminal Layout
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| **1 - 2** | **Power Input** | AC Source (Line/Neutral) |
| **3 - 4** | **Input Signal** | (+) and (-) Analog input (e.g., 4-20mA) |
| **5 - 6** | **Alarm Output 1** | Relay Contact (Common/NO) |
| **7 - 8** | **Alarm Output 2** | Relay Contact (Common/NO) |
- ⤷
How do I calibrate the scaling for a 4-20mA input on this model?
- ⤷ What is the maximum contact rating for the R2 relay outputs?
- ⤷ Can this model support Modbus RTU communication?