AI

The **M2UDS-D5-R2/N** is a specific model within the **M2UDS Series** of Digital Potentiometers (also known as Electronic Potentiometers or Digital Setters) manufactured by **M-System** (now part of MG CO., LTD).
This device is designed to interface between digital control signals (contact closures) and analog control circuits, effectively acting as a motorized potentiometer without the moving mechanical parts.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Model Series** | M2UDS (Ultra-Slim Signal Conditioner) |
| **Power Input (D5)** | 24V DC |
| **Output (R2)** | 0 – 100 $\Omega$ (Resistance Output) |
| **Input Type** | Contact Input (UP / DOWN / RESET) |
| **Control Logic (/N)** | Negative Logic (Common positive, sinks to ground) |
| **Response Time** | Approx. 0.5 seconds |
| **Mounting** | DIN Rail Mounting |
---
### 2. Functional Description of Electronic Parts
#### A. Input Interface (Digital Control)
The device features three primary digital inputs that control the internal resistance value:
* **UP Signal:** Increases the output resistance.
* **DOWN Signal:** Decreases the output resistance.
* **RESET Signal:** Returns the output to a pre-defined starting value (usually 0% or a specific preset).
* **Negative Logic (/N):** This specific version triggers the inputs when they are pulled to the common terminal (logic low).
#### B. The Output Circuit (Electronic Potentiometer)
Unlike a standard signal conditioner that outputs voltage (0-10V) or current (4-20mA), the **R2** designation indicates a **Resistance Output**.
* It simulates a variable resistor (0 to 100 $\Omega$).
* This is typically used to interface with older motor drives, valve positioners, or speed controllers that require a physical resistive bridge input.
#### C. Internal CPU and Memory
* **Microprocessor:** Manages the ramp rates (how fast the resistance changes when UP/DOWN is pressed).
* **Non-Volatile Memory:** The device can be configured to "remember" its last position even after a power failure, ensuring the process resumes at the same resistance level.
---
### 3. Application Use-Case
This part is commonly used in **Industrial Automation** for:
1. **Manual Speed Control:** Allowing an operator to press buttons on a panel to increase/decrease the speed of a VFD (Variable Frequency Drive).
2. **Remote Setpoint Adjustment:** Allowing a PLC to adjust an analog setpoint using discrete digital outputs.
3. **Legacy System Retrofitting:** Replacing old mechanical potentiometers that have worn out with a solid-state electronic equivalent.
---
### 4. Wiring Diagram Overview (Simplified)
```text
[ Power ] Terminal 4 (+) & 5 (-) : 24V DC
[ Input ] Terminal 1: UP | Terminal 2: DOWN | Terminal 3: RESET | Terminal 6: COM
[ Output] Terminal 7, 8, 9 : Simulates Potentiometer Terminals (CW, Slider, CCW)
```
- ⤷
What is the maximum power rating for the resistance output on the R2 model?
- ⤷ Can the ramp speed (rate of change) be adjusted on the M2UDS?
- ⤷ Does the /N negative logic version require a specific type of PLC output (Sinking or Sourcing)?