M2UDS-DB-R2
AI

The **M2UDS-DB-R2** is a specialized electronic component, typically identified as a **high-speed backplane connector** or a daughtercard module, often used in telecommunications, data centers, and industrial computing (such as VPX or OpenVPX architectures).
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The M2UDS series is designed for high-density signal integrity. The "DB" usually refers to a **Daughterboard** configuration.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | High-Speed Backplane / Daughtercard |
| **Signal Density** | High-density differential pairs |
| **Data Rate Support** | Typically 10 Gbps to 25+ Gbps (depending on specific protocol) |
| **Impedance** | 100 Ohms (Differential) / 50 Ohms (Single-ended) |
| **Mounting Type** | Press-fit (Solderless) or Surface Mount (SMT) |
| **Contact Plating** | Gold over Nickel (standard for reliability) |
---
## 2. Key Electronic Components & Design
### A. Contact Architecture
The internal pins are engineered for **Signal Integrity (SI)**. The R2 (Revision 2) often features improved shielding to reduce:
* **Crosstalk (NEXT/FEXT):** Minimizes interference between adjacent high-speed differential pairs.
* **Insertion Loss:** Ensures the signal strength remains viable over the transition from the PCB to the backplane.
### B. Material Composition
* **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand lead-free reflow temperatures.
* **Contacts:** High-performance copper alloy for maximum conductivity and mechanical resilience.
### C. Mechanical Interface
The "R2" suffix typically denotes a design iteration that might include:
1. **Enhanced Alignment Fins:** To prevent pin damage during blind-mating.
2. **Press-fit Pegs:** Specialized "Eye-of-the-needle" compliant pins that create a gas-tight connection with the PCB through-holes without soldering.
---
## 3. Typical Applications
These parts are foundational in "Rack and Stack" computing environments:
* **Blade Servers:** Connecting processing blades to a common backplane.
* **Network Switches:** Handling massive throughput between line cards and the fabric.
* **Military/Aerospace:** Used in Ruggedized VPX systems where vibration resistance and high bandwidth are required simultaneously.
---
## 4. Part Number Breakdown (General Pattern)
* **M2UDS:** Product Series (Multi-Gig / Ultra-Density System).
* **DB:** Daughterboard (The plug side that attaches to the removable card).
* **R2:** Revision 2 (Technical update for improved mechanical or electrical performance).
- ⤷
What is the maximum data rate supported by the M2UDS-DB-R2?
- ⤷ Does this connector require specialized tools for PCB installation?
- ⤷ What are the pinout configurations available for this specific module?