M2UDS-E1-R
AI

The **M2UDS-E1-R** is a specific model within the M2 series of signal conditioners manufactured by **M-System**. This particular unit is a **Potentiometer Transmitter**, designed to convert the resistance changes of a potentiometer into a standard DC output signal.
---
### 1. Technical Specifications Overview
The model code `M2UDS-E1-R` can be broken down into its functional components:
| Component Code | Description |
| :--- | :--- |
| **M2UDS** | Model Series: Potentiometer Transmitter (Plug-in base) |
| **E** | Input Signal: Potentiometer (Total resistance $100 \Omega$ to $10 k\Omega$) |
| **1** | Output Signal: 4 – 20 mA DC (Current output) |
| **R** | Power Input: 24V DC |
---
### 2. Electronic Hardware Components
The device is composed of several critical electronic stages to ensure accuracy and isolation:
* **Excitation Circuit:** Provides a constant voltage to the external potentiometer to sense the wiper position.
* **Input Amplifier:** A high-impedance operational amplifier circuit that scales the millivolt-level signal from the potentiometer.
* **Zero/Span Adjustments:** Multiturn potentiometers located on the front panel to calibrate the $0\%$ and $100\%$ points.
* **Optical Isolation:** Provides 2000V AC isolation between the input, output, and power terminals to prevent ground loops.
* **Output Driver:** A current-source circuit capable of driving 4-20mA into loads up to $550 \Omega$.
---
### 3. Connection Diagram (Standard Pinout)
The unit uses a standard 8-pin or 11-pin plug-in base (depending on the specific socket). The typical wiring for the `M2UDS` is as follows:
```text
TERMINAL ASSIGNMENT
1. Output (+)
2. Output (-)
3. Input (High/CW) <-- Potentiometer End 1
4. Input (Wiper) <-- Potentiometer Arm
5. Input (Low/CCW) <-- Potentiometer End 2
6. No Connection
7. Power (L+) <-- 24V DC
8. Power (N-) <-- 0V DC
```
---
### 4. Key Performance Features
* **Response Time:** Approximately $\leq 0.5$ seconds (0 – 90%).
* **Accuracy:** $\pm 0.1\%$ of span.
* **Temperature Coefficient:** $\pm 0.015\%$ per degree Celsius.
* **Construction:** Compact plug-in structure allows for easy maintenance and replacement without disturbing the field wiring on the base.
- ⤷
How do I calibrate the Zero and Span on the M2UDS-E1-R?
- ⤷ What is the maximum load resistance supported for the 4-20mA output?
- ⤷ Can this unit be powered by 110V AC instead of 24V DC?