Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-E5-R/N

  • AI
    The **M2UDS-E5-R/N** is a specific electronic component belonging to the **M2 Series** of signal conditioners manufactured by **M-System** (now part of MG CO., LTD). This specific model is a **Digital Potentiometer (Up/Down) Transmitter**. --- ### 1. Model Breakdown The model number specifies the technical characteristics of the unit: | Code | Component Segment | Description | | :--- | :--- | :--- | | **M2UDS** | Model Name | Up/Down Potentiometer Transmitter | | **E5** | Input Range | Input via Contact or Open Collector (Pulse) | | **R** | Power Input | 24V DC | | **N** | Output | 0 – 10V DC | --- ### 2. Core Functional Parts The electronic architecture of the M2UDS-E5-R/N consists of several integrated circuits and discrete components designed for signal conversion and isolation. #### A. Input Interface (Up/Down Logic) Unlike a standard analog transmitter, this device features two contact inputs: * **UP Command:** Increases the output voltage/current. * **DOWN Command:** Decreases the output voltage/current. * **Electronic Logic:** These inputs are usually opto-isolated to prevent surges from the field reaching the internal logic. #### B. The Microprocessor & Memory * **RAM/EEPROM:** The device remembers the last position of the "virtual" potentiometer. Even if the power (24V DC) is lost, the non-volatile memory stores the current output level so it resumes from the same point when powered back on. * **Clock/Timer:** Internal timing circuits define the "Ramp Rate" (how fast the output changes when a button is held down). #### C. Signal Output Stage * **D/A Converter (DAC):** Converts the internal digital step value into an analog voltage. * **Output Driver:** Specifically tuned for the **"N"** suffix (0-10V DC). It ensures the output is stable and can drive a load resistance of at least 10k Ohms. #### D. Galvanic Isolation * This is a **3-port isolated** device. The electronics provide physical separation between: 1. **Input** (The control contacts) 2. **Output** (The 0-10V signal) 3. **Power** (The 24V DC supply) * This prevents ground loops and protects sensitive PLC/DCS equipment. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Power Requirement** | 24V DC (±10%) | | **Current Consumption** | Approx. 40 mA | | **Response Time** | Configurable (Ramp times from seconds to minutes) | | **Isolation Resistance** | 100 MΩ or more with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Mounting** | DIN Rail (M2 series plug-in base) | --- ### 4. Typical Application These parts are used in industrial automation to manually adjust a process variable from a remote push-button station. For example, a technician presses a physical "Up" button, the M2UDS increases its voltage output to a motor drive (VFD), and the motor speeds up.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the ramp speed of the M2UDS series?
    • ⤷ What is the difference between the 'N' and 'A' output suffixes for this model?
    • ⤷ Can this device be used with a 110V AC power supply instead of 24V DC?