Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-EE-R/N

  • AI
    Based on the model number provided, the **M2UDS-EE-R/N** refers to a specific configuration of a **Digital Multi-Function Meter** (typically from the M-System or similar industrial automation series). These devices are used to measure, display, and transmit electrical parameters in power systems. --- ## 1. Component Identification (Model Breakdown) The model number can be broken down into specific electronic and functional characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2UDS** | **Series/Base Model** | Digital Multi-Function Meter (Power Monitoring) | | **-E** | **Input Type** | High-voltage/Current input (typically 480V AC / 5A) | | **-E** | **Output 1** | Modbus Communication or Analog Output (model specific) | | **-R** | **Power Supply** | 24V DC auxiliary power | | **-N** | **Special Options** | No special sensing/standard specification | --- ## 2. Key Electronic Features ### A. Sensing and Measurement The internal electronics utilize high-precision **Current Transformers (CT)** and **Voltage Transformers (VT)** isolation circuits. - **Sampling Rate:** Usually high-frequency sampling (approx. 2.5 kHz to 5 kHz) to calculate True RMS values. - **Parameters Measured:** Voltage (V), Current (A), Active Power (kW), Reactive Power (kVar), Power Factor (cos φ), and Frequency (Hz). ### B. Signal Processing (Microcontroller) The unit contains an onboard **DSP (Digital Signal Processor)** or a high-performance MCU. - **A/D Conversion:** Typically 16-bit or 24-bit Analog-to-Digital converters to ensure 0.5% to 0.2% accuracy classes. - **Memory:** Non-volatile EEPROM is used to store configuration settings and cumulative energy data (kWh) even during power loss. ### C. Output Interfaces The "EE" configuration usually implies a dual-purpose electronic interface: 1. **Modbus-RTU (RS-485):** Differential signaling for long-distance industrial communication. 2. **Pulse Output:** An open-collector transistor output used for energy counting. --- ## 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Display Type** | LED or LCD (4-digit / 3-line) | | **Accuracy Class** | ±0.3% for Voltage/Current; ±0.5% for Power | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) | | **Insulation Resistance** | 100 MΩ with 500V DC | | **Housing Material** | Flame-resistant resin (Black) | --- ## 4. Typical Wiring Configuration ```mermaid graph LR A[AC Line 1/2/3] --> B(M2UDS-EE Input) B --> C{Internal MCU} C --> D[LED Display] C --> E[RS-485 Modbus] F[24V DC Power] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I wire the RS-485 Modbus port for this specific model?
    • ⤷ What is the procedure for setting the CT/VT ratios on the M2UDS?
    • ⤷ Does this model support 4-20mA analog retransmission?