M2UDS-F4-R2/CE
AI

The **M2UDS-F4-R2/CE** is a high-precision, digital panel-mount signal conditioner and alarm setter manufactured by **M-System** (now part of MG CO., LTD). It is primarily used in industrial automation to monitor DC input signals and trigger relay outputs based on setpoint comparisons.
---
### 1. General Specifications
The model name can be broken down to understand its core electronic capabilities:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2UDS (Digital Alarm Setter) |
| **Input Type** | DC Current or Voltage (Programmable) |
| **Output Type** | Relay Contact (2 points) |
| **Configuration** | Front-panel programmable with LED display |
| **Power Input** | 100 – 240V AC (Standard for /CE models) |
---
### 2. Key Electronic Components & Functions
#### A. Signal Input Stage
The device features a high-impedance input stage designed to handle standard industrial signals:
* **Voltage Inputs:** Typically ranges like 0-10V DC, 1-5V DC.
* **Current Inputs:** Typically 4-20mA DC (usually requires a shunt resistor).
* **A/D Converter:** Converts the analog process variable into a digital value for the microprocessor to analyze.
#### B. The Microprocessor & Display
* **Logic Engine:** The internal CPU compares the digitized input against user-defined setpoints (Hi/Lo limits).
* **4-Digit LED:** Provides real-time visual feedback of the process value and parameter settings.
* **Non-Volatile Memory:** Stores configuration and setpoint data so settings are not lost during power failure.
#### C. Output Relay Stage
The "R2" designation indicates the relay configuration:
* **Dual Trip Points:** Provides two independent relay outputs (typically SPDT).
* **Switching Capacity:** Usually rated for 250V AC @ 3A or 30V DC @ 3A (resistive load).
* **Adjustable Hysteresis:** Electronic "deadband" settings prevent relay chatter when the input signal oscillates near the setpoint.
#### D. Power & Isolation
* **Galvanic Isolation:** The device provides 3-way isolation (Input to Output to Power). This prevents electrical noise or ground loops from damaging sensitive upstream controllers.
* **CE Marking:** The "/CE" suffix confirms the electronic components meet European safety and Electromagnetic Compatibility (EMC) standards.
---
### 3. Application Summary
The M2UDS-F4-R2/CE acts as an electronic "watchdog." If a sensor signal (like pressure or temperature) exceeds a safe limit, the internal electronics trigger the mechanical relays to:
1. Sound an audible alarm.
2. Shut down a motor or pump.
3. Send a digital signal to a PLC.
- ⤷
How do I wire a 4-20mA sensor to the M2UDS-F4-R2/CE?
- ⤷What is the difference between the R2 and R4 output configurations?
- ⤷How do I set the Hi/Lo alarm setpoints using the front panel buttons?