M2UDS-FW0-R2
AI

The **M2UDS-FW0-R2** belongs to the **M2UDS series** of digital indicators/transmitters manufactured by **M-System** (a Japanese automation components specialist). These devices are typically used in industrial signal conditioning to convert analog inputs into digital readouts and secondary analog/relay outputs.
---
## 1. Core Technical Specifications
The "M2UDS-FW0-R2" model code identifies specific electronic components and configurations:
| Component Category | Specification | Description |
|:---|:---|:---|
| **Input Signal** | Universal Input | Typically supports DC voltage or current signals. |
| **Output 1** | 4 – 20 mA DC | Linear analog output for PLCs or controllers. |
| **Output 2** | None | This specific code indicates a single output model. |
| **Power Input** | 100 – 240V AC | Wide-range AC power supply (the "R2" designation). |
| **Display Type** | 4-digit LED | High-visibility red LED for process value monitoring. |
---
## 2. Electronic Hardware Architecture
The internal circuitry of the M2UDS-FW0-R2 is divided into several functional blocks:
### A. Microprocessor Control
The heart of the unit is a **Microcontroller (MCU)** that handles:
* Digital scaling of the raw analog input.
* Linearization of non-linear signals.
* Driving the 7-segment LED display.
* User-defined parameter storage (via non-volatile memory).
### B. Signal Conditioning (Isolation)
One of the most critical electronic features of this part is **Galvanic Isolation**. It provides three-way isolation between:
1. **Input** (Sensor/Transmitter)
2. **Output** (PLC/DCS)
3. **Power Supply**
*This prevents ground loops and protects sensitive downstream equipment from high-voltage surges.*
### C. A/D and D/A Conversion
* **Analog-to-Digital Converter:** Converts the incoming process signal (e.g., 4-20mA) into digital data for the microprocessor.
* **Digital-to-Analog Converter:** Re-converts the processed digital value back into an isolated 4-20mA signal for the secondary loop.
---
## 3. Wiring and Physical Interface
The unit uses a **11-pin base socket** (standard for M-System M2 series) for electronic connections:
| Pin Number | Function |
|:---|:---|
| **1 & 11** | Power Supply (L & N) |
| **4 & 5** | Analog Input (+ / -) |
| **9 & 10** | Analog Output (+ / -) |
---
## 4. Key Performance Features
* **Response Time:** Usually $\leq$ 0.5 seconds.
* **Accuracy:** $\pm$ 0.1% of the span.
* **Temperature Coefficient:** Minimal drift (approx. 0.015% per °C).
* **Housing:** Flame-resistant black resin (UL94V-0).
- ⤷
How do I calibrate the M2UDS-FW0-R2 using the front panel buttons?
- ⤷ What are the specific wiring differences between the R (AC) and R2 (DC) power models?
- ⤷ Can this unit handle thermocouple or RTD inputs directly?