M2UDS-FW1-R
AI

The **M2UDS-FW1-R** is a specific model within the **M2UDS Series** of digital panel meters manufactured by **M-System** (a major Japanese industrial automation component provider).
This device is primarily a **Digital Panel Meter** used for monitoring and displaying DC signals in industrial environments.
---
### 1. Key Technical Specifications
The "M2UDS-FW1-R" code can be broken down into specific electronic characteristics based on M-System's nomenclature:
| Component Feature | Specification | Description |
|:---|:---|:---|
| **Model Series** | M2UDS | 1/8 DIN Digital Panel Meter (Compact size). |
| **Input Type** | **F** (Frequency/Pulse) | Designed to measure frequency or pulse rate signals. |
| **Output Type** | **W** (Transistor Output) | Dual Hi/Lo alarm outputs (Open Collector). |
| **Power Input** | **1** | 100 – 120V AC Power Supply. |
| **Auxiliary Power** | **R** | 24V DC auxiliary power supply for the sensor. |
---
### 2. Core Electronic Functions
#### A. Measurement & Display
* **Input Scaling:** It converts raw pulse/frequency signals from flow meters, encoders, or proximity switches into readable units (e.g., RPM, Hz, Liters/min).
* **Display:** Features a high-visibility 4-digit LED display (typically red).
* **Accuracy:** High-precision digital processing to ensure minimal drift over time.
#### B. Output Interfaces
* **Dual Alarms:** Provides two setpoints (High/Low). When the measured frequency exceeds or falls below these thresholds, the internal transistor outputs trigger.
* **Transistor Output:** The "W" designation indicates a NPN open collector output, suitable for interfacing with PLCs or small relays.
#### C. Power Management
* **Isolation:** The device features galvanic isolation between the input signal, power supply, and output circuits to prevent electrical noise interference and ground loops.
* **Excitation Supply:** The "R" suffix indicates the unit provides a regulated 24V DC output to power the external sensor directly, simplifying wiring.
---
### 3. Typical Application Schematic
The electronic integration usually follows this logic:
```mermaid
graph LR
A[Sensor/Frequency Source] -->|Pulse Signal| B[M2UDS-FW1-R]
B -->|24V DC| A
C[AC Power 120V] --> B
B -->|Alarm 1| D[PLC Input/Buzzer]
B -->|Alarm 2| E[Control Relay]
```
---
### 4. Physical Dimensions
* **Standard:** 1/8 DIN size.
* **Front Panel:** 96mm x 48mm.
* **Mounting:** Panel-mount with slide-on clips.
- ⤷
How do I configure the scaling factors for this specific model?
- ⤷ What is the maximum frequency input supported by the M2UDS-FW1-R?
- ⤷ Can this model be used with an NPN or PNP proximity sensor?