M2UDS-FW1-R2/N
AI

The **M2UDS-FW1-R2/N** is a specific model within the **M2 Series** of plug-in signal conditioners manufactured by **M-System** (now part of MG CO., LTD.). This device is an **Ultra-Slim Signal Transmitter** designed to convert a DC input into a standard process signal.
Below is a breakdown of its electronic specifications and characteristics.
---
### 1. Model Code Breakdown
The model name describes the specific electronic configuration of the unit:
| Code Segment | Meaning |
| :--- | :--- |
| **M2UDS** | Model Name: Ultra-Slim Signal Transmitter |
| **FW1** | **Input:** Frequency (Pulse) Signal |
| **R** | **Power Input:** 24V DC |
| **2** | **Output:** 4 – 20 mA DC |
| **N** | **Option:** None (Standard configuration) |
---
### 2. Key Electronic Specifications
The internal electronics are designed for precision and high isolation in industrial environments.
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage** | 24V DC (±10%) |
| **Current Consumption** | Approx. 50 mA |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Accuracy** | ±0.1% of span |
| **Temperature Coefficient** | ±0.015% / °C |
---
### 3. Electronic Functional Components
#### A. Input Section (Frequency/Pulse)
The "FW1" designation indicates that the electronic front-end is designed to accept pulse or frequency inputs.
* **Input Types:** Typically supports Open Collector, Voltage Pulse (TTL), or Dry Contact.
* **Internal Circuitry:** Includes a Schmitt trigger or comparator circuit to clean up noisy square waves and convert them into internal logic levels.
#### B. Signal Processing (F/V Conversion)
The core logic performs **Frequency-to-Voltage (F/V) conversion**.
* The circuit measures the rate of incoming pulses and translates that frequency into a proportional analog value.
* This is often managed via a precision timer circuit or a dedicated microprocessor that calculates the pulse period.
#### C. Output Section (Current Loop)
The unit provides a **4-20mA DC** output.
* **Load Resistance:** Can drive a load up to 550 $\Omega$.
* **Protection:** Includes over-current protection and surge suppression to protect the internal transistors from line spikes.
#### D. Isolation Barrier
One of the most critical electronic parts of the M2UDS is the **Galvanic Isolation**.
* Uses **Optical Couplers** or **Transformers** to ensure that electrical noise or ground loops at the input do not affect the output or the power supply.
---
### 4. Physical Layout
* **Housing:** Flame-resistant black resin.
* **Mounting:** DIN rail mounting with a plug-in base (allows the electronic module to be replaced without disconnecting wires).
* **Adjustments:** Front-facing Zero and Span adjustments (potentiometers) for fine-tuning the analog output.
- ⤷
What are the specific frequency input ranges supported by the FW1 model?
- ⤷ How do you calibrate the Zero and Span on this transmitter?
- ⤷ Can this unit be used with a 110V AC power supply instead of 24V DC?