M2UDS-FW5-R
AI

The **M2UDS-FW5-R** is a specific model within a series of industrial-grade signal conditioners and transmitters, typically manufactured by companies like **M-System**. It is designed to convert analog signals into digital formats or specific industrial standards while providing galvanic isolation.
Below is a breakdown of its technical specifications and electronic components.
---
### 1. Part Number Breakdown
The alphanumeric code indicates the specific hardware configuration:
| Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2UDS** | **Series Model** | Ultra-slim Signal Conditioner (M2 Series) |
| **FW5** | **Input/Output** | Often denotes a Variable/Field-configurable range |
| **R** | **Power Supply** | Typically indicates **24V DC** power requirement |
---
### 2. Key Electronic Features
The M2UDS-FW5-R is composed of several critical electronic subsystems:
* **Isolation Circuitry:** It provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive control equipment (like PLCs) from high-voltage surges in the field.
* **A/D and D/A Converters:** The unit uses high-precision Analog-to-Digital converters to sample field signals and Digital-to-Analog converters to reproduce the output signal with high linearity.
* **Microprocessor Control:** Unlike basic analog transmitters, the "U" in the series often implies a universal or programmable microprocessor that handles scaling, linearization, and cold-junction compensation (if used for thermal inputs).
* **Surface Mount Technology (SMT):** The "Ultra-slim" profile (typically 12.5mm width) is achieved through high-density SMT components on a multi-layer PCB.
---
### 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Supply Power** | 24V DC (Standard for 'R' suffix) |
| **Input Signal** | DC Current or Voltage (Configurable) |
| **Output Signal** | 4–20mA DC or 0–10V DC (Model dependent) |
| **Isolation Resistance** | 100 MΩ minimum at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Response Time** | ≤ 0.5 seconds (0 to 90%) |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 4. Applications and Installation
The device is primarily used in industrial automation environments for:
1. **Signal Conversion:** Converting a 0-5V sensor signal to a 4-20mA loop for long-distance transmission.
2. **Noise Reduction:** Cleaning up "noisy" electrical signals from the factory floor before they reach a controller.
3. **Space Efficiency:** The DIN-rail mounting and slim design allow for high-density installation in control cabinets.
- ⤷
How do I wire the M2UDS-FW5-R for a 4-20mA current loop?
- ⤷ What is the difference between the 'R' and 'M' power supply suffixes in this series?
- ⤷ How do I calibrate or change the input range on this specific module?