Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-FWZ-R

  • AI
    The **M2UDS-FWZ-R** is a specific model within the **M2 Series** of signal conditioners manufactured by **M-System** (now often branded under **MG CO., LTD**). This device is a high-performance, plug-in signal transducer designed to convert DC input signals into standard industrial output signals. --- ## Technical Specifications The model code breaks down into specific electronic configurations: | Part Segment | Meaning | Specification Details | | :--- | :--- | :--- | | **M2UDS** | Model Series | DC Input Transducer (Ultra-slim, plug-in type) | | **FWZ** | Function/Power | High-speed response with universal power supply | | **R** | Power Input | 24V DC Power source | ### 1. Electronic Interface * **Input Types:** Accepts a wide range of DC signals (Voltage or Current), typically configurable for 4–20mA, 0–10V, etc. * **Output Types:** Provides a galvanically isolated DC output (e.g., 4–20mA or 1–5V DC). * **Isolation:** Features 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment. ### 2. Performance Characteristics * **Accuracy:** Typically ±0.1% of span. * **Response Time:** The "FW" designation often refers to a fast response variant, usually providing a response time of ≤ 25 milliseconds (0% to 90%). * **Temperature Coefficient:** Low drift, typically ±0.015%/°C. --- ## Internal Components & Build The M2UDS-FWZ-R utilizes several critical electronic sub-systems: ### Signal Conditioning Circuitry The heart of the device uses precision operational amplifiers and high-grade AD/DA converters (depending on the internal architecture) to ensure the signal is linearized and filtered before transmission. ### Galvanic Isolation It utilizes **Optical Isolators** or **Transformers** to ensure there is no electrical path between the field sensor and the control system. This is crucial for industrial environments with high electromagnetic interference (EMI). ### Power Management The "R" suffix indicates a 24V DC input. Internally, the device uses a switching regulator to stabilize internal voltages, ensuring that fluctuations in the 24V supply do not affect the output signal accuracy. --- ## Wiring and Physical Form * **Housing:** Compact, plug-in style. * **Mounting:** Standard DIN rail mounting via a base socket. * **Terminals:** M3.5 screw terminals (typically located on the base socket). ```text Wiring Typical Layout: [1] Output (+) [5] Input (+) [2] Output (-) [6] Input (-) [4] Power (+) [3] Power (-) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M2UDS and the standard M2S model?
    • ⤷ How do I calibrate the Zero and Span on this specific transducer?
    • ⤷ What are the environmental temperature limits for the M2UDS-FWZ-R?