M2UDS-G0-R
AI

The **M2UDS-G0-R** is a specific electronic component within the **M2UDS Series** of digital indicators/monitors manufactured by **M-System** (now part of MG CO., LTD). It is primarily a digital panel meter designed to accept DC voltage or current inputs and display them with high precision.
---
### 1. Technical Specifications Breakdown
The part number suffix typically denotes the power supply and output configurations. Below is a breakdown of its core electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Digital Panel Meter / Indicator |
| **Input Signal** | DC Voltage (-10 to +10V DC) or DC Current (0–20mA) |
| **Power Input (G0)** | 100 – 240V AC (Standard Universal Power) |
| **Display Type** | 4-digit Red LED (14.2 mm height) |
| **Output (R)** | Relay Contact Output (High/Low alarms) |
| **Sampling Rate** | Approx. 100 milliseconds |
| **Accuracy** | ±0.1% of range |
---
### 2. Key Electronic Functions
#### A. Signal Conditioning
The internal circuitry converts the analog DC input into a digital value using an A/D (Analog-to-Digital) converter. It features high input impedance to ensure minimal loading on the signal source.
#### B. Scaling and Offset
The "electronic brain" of the unit allows for digital scaling. This means a 4-20mA signal can be programmed to display any range (e.g., 0.0 to 100.0) without requiring external resistors or hardware changes.
#### C. Relay Logic (The "R" Suffix)
The unit includes mechanical or photo-MOS relays. These are used for:
* **High/Low Alarms:** Triggering external buzzers or lights if a process value exceeds a setpoint.
* **Hysteresis Control:** Preventing "chattering" of the relay when the signal fluctuates near the threshold.
#### D. Isolation
A critical electronic feature of this part is **galvanic isolation**. It provides isolation between the input signal, the power supply, and the relay outputs, protecting sensitive upstream PLCs or sensors from electrical noise and surges.
---
### 3. Physical & Installation Data
* **Housing:** 1/8 DIN size (96 x 48 mm).
* **Wiring:** Terminal block connections on the rear of the unit.
* **Protection:** Front panel is usually rated IP66 (dust and water-resistant) when using the included gasket.
---
- ⤷
What are the specific wiring diagrams for the relay outputs on this model?
- ⤷ How do you program the scaling for a 4-20mA input to display 0-100%?
- ⤷ What is the difference between the G0 and the M2 power supply options?