Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-G1-R

  • AI
    The **M2UDS-G1-R** is a specific electronic component within the **M2U Series** of digital indicators/transmitters, typically manufactured by **M-System** (now part of MG CO., LTD). It is primarily designed as a DC signal conditioner with a built-in digital display. --- ### 1. Technical Specifications The model code `M2UDS-G1-R` breaks down into specific electronic parameters: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **M2UDS** | **Model Series** | Digital Indicator with DC Output (Plug-in base) | | **G** | **Input Type** | 0 – 10V DC Input | | **1** | **Output Type** | 4 – 20mA DC Output | | **R** | **Power Supply** | 24V DC Power Requirement | --- ### 2. Key Electronic Components & Internal Workings The internal circuitry of the M2UDS-G1-R is divided into several functional blocks: #### A. Input Conditioning Circuit * **High Impedance Buffer:** Ensures that the 0-10V signal being measured is not loaded down by the instrument. * **A/D Converter:** Converts the analog voltage into a digital signal for processing by the internal microprocessor. #### B. Microprocessor & Display * **CPU:** Handles scaling (translating 0-10V into specific engineering units like PSI or °C). * **LED Display:** A 4-digit red LED screen that provides local visualization of the input value. #### C. Output Drive (D/A Conversion) * **Isolation Transformer:** Provides galvanic isolation between the input, output, and power supply (usually up to 2000V AC). * **Current Source:** Converts the digital processor value back into an analog 4-20mA loop signal to be sent to a PLC or SCADA system. --- ### 3. Connection Diagram (General) The unit uses a plug-in base (typically 8-pin or similar) for easy maintenance. ```text [Power Supply] [Input Signal] [Output Signal] (+) (-) (+) (-) (+) (-) | | | | | | [ 7 ] [ 8 ] [ 5 ] [ 6 ] [ 1 ] [ 2 ] (24V DC) (0-10V DC) (4-20mA DC) ``` --- ### 4. Distinctive Features 1. **Triple Isolation:** The power, input, and output are all electronically isolated from one another. This prevents "ground loops" which can cause signal inaccuracies. 2. **User Scalability:** Front-panel buttons allow the user to adjust the zero and span settings without needing an external calibrator. 3. **Plug-in Construction:** The electronic "brains" can be removed from the terminal base without disconnecting the wiring.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2UDS series?
    • ⤷ What are the maximum load resistance limits for the 4-20mA output?
    • ⤷ Can the input be changed from voltage to current via internal jumpers?