Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-G4-R2

  • AI
    The **M2UDS-G4-R2** is a specialized electronic component, specifically a **Plug-in Digital Setpoint Potentiometer** (often referred to as a Digital Potentiometer or Multi-Dial) manufactured by **M-System**. This device is designed to interface with control systems to provide a precise, manual adjustment of a DC signal, typically replacing traditional mechanical potentiometers in industrial panels. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2UDS (M2-UNIT Series) | | **Output Type** | DC Output (Current or Voltage) | | **Adjustment Method** | 4-digit Digital Push-button Switch | | **Power Input** | 100 – 120V AC (represented by the "G4" code) | | **Output Range** | 4 – 20mA DC (represented by the "R2" code) | | **Construction** | Plug-in base mount | | **Isolation** | Input to output to power | --- ### 2. Electronic Component Breakdown #### A. The Digital Interface (The "G4" Logic) Unlike a standard analog knob, this unit uses a **4-digit digital switch**. - **Operation:** Pushing the plus/minus buttons changes the numerical value on the faceplate. - **Accuracy:** It eliminates the "parallax error" or mechanical wear associated with analog dials. The internal circuitry converts this 4-digit digital value into a corresponding analog signal. #### B. The Output Stage ("R2") The "R2" suffix indicates the specific electronic output profile: - **Signal:** 4 to 20 mA DC. - **Load Resistance:** Usually capable of driving up to 600 $\Omega$. - **Purpose:** This signal is typically sent to a VFD (Variable Frequency Drive), a PLC (Programmable Logic Controller), or a control valve. #### C. Power Supply & Isolation - **Power:** The "G4" designation indicates it is designed for standard AC mains (100-120V). - **Galvanic Isolation:** The unit contains internal transformers and opto-isolators to ensure the output signal is electronically isolated from the power source. This prevents ground loops and protects sensitive downstream equipment. --- ### 3. Functional Diagram Logic The internal electronics follow this simplified path: 1. **Input:** User sets a value (000.0 to 100.0%) via front push-buttons. 2. **Processing:** A Microprocessor/Logic circuit reads the BCD (Binary Coded Decimal) input from the switches. 3. **Conversion:** A D/A (Digital-to-Analog) converter translates the digital number into a precise voltage. 4. **Amplification:** An output operational amplifier converts that voltage into a constant 4-20mA current loop. --- ### 4. Applications * **Remote Setpoint:** Manually setting the speed of a motor from a control desk. * **Calibration:** Providing a stable, repeatable reference signal for testing instrumentation. * **Manual Override:** Serving as a backup to an automated system to manually position a valve.
    ✨ Follow-up Questions
    • ⤷ What are the alternative output codes besides R2 for this model?
    • ⤷ How do you calibrate the zero and span on the M2UDS series?
    • ⤷ What is the power consumption rating for the G4 power supply option?