Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-HA-R/CE

  • AI
    The **M2UDS-HA-R/CE** is a high-performance, DIN-rail mounted digital transducer manufactured by **M-System**. This specific model is designed to convert a **DC input signal** into a standardized **DC output signal**, providing signal isolation and conditioning for industrial automation systems. --- ### 1. Model Breakdown The model number identifies specific hardware configurations: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2UDS** | Series Name | Ultra-slim Signal Conditioner (M2 Series) | | **-H** | Input Type | High-impedance DC input | | **-A** | Output Type | 4 to 20 mA DC | | **-R** | Power Input | 24V DC | | **-CE** | Certification | CE Marking compliant | --- ### 2. Core Technical Specifications The electronics of this unit are designed for high precision and noise immunity in harsh industrial environments. * **Isolation:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS cards. * **Input Impedance:** High impedance (typically 1 MΩ minimum), ensuring it does not load the source signal. * **Response Time:** Approximately 0.5 seconds (0 – 90%). * **Accuracy:** ±0.1% of span. * **Mounting:** Standard DIN rail (35mm). --- ### 3. Electronic Architecture The internal circuitry consists of several key stages: #### A. Input Stage Includes a high-precision operational amplifier circuit that accepts voltage signals. Because it is an "H" (High-impedance) model, it is ideal for signals that cannot provide significant current. #### B. Isolation Barrier Uses **Optical Isolation** or **Magnetic Transformer Isolation** to separate the input, output, and power supply. This allows the device to withstand up to 2000V AC for 1 minute between terminals. #### C. Output Drive The "A" designation signifies a current loop output. The internal electronics regulate the current to stay precisely between 4mA and 20mA, regardless of the load resistance (up to 550Ω). #### D. Power Management The unit operates on 24V DC. It includes internal filtering and surge protection to ensure stable operation despite fluctuations in the power rail. --- ### 4. Terminal Connections The unit typically features a plug-in socket base for easy maintenance. | Terminal | Function | | :--- | :--- | | **1 - 2** | DC Output (+) / (-) | | **4 - 5** | DC Input (+) / (-) | | **7 - 8** | 24V DC Power Supply | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage ranges supported by the 'H' input type for this model?
    • ⤷ What is the maximum load resistance allowed for the 4-20mA output?
    • ⤷ Does this model support 'Hot-Swapping' on the DIN rail?