M2UDS-J0-R/N
AI

The **M2UDS-J0-R/N** is a specific model of an **Ultra-Slim Digital Panel Meter** manufactured by **M-System** (a Japanese company specializing in industrial automation components). This device is designed to measure and display DC voltage or current signals in industrial control panels.
---
### 1. Technical Specifications Breakdown
The part number follows a specific nomenclature. Below are the key electronic characteristics:
| Feature | Specification | Detail |
| :--- | :--- | :--- |
| **Model Series** | M2UDS | Ultra-slim digital panel meter |
| **Input Type (J0)** | 0 – 10V DC | High-impedance voltage measurement |
| **Power Input (R)** | 24V DC | Standard industrial low-voltage supply |
| **Display Color (N)** | Red | High-visibility LED display |
| **Accuracy** | ±0.1% rdg ±1 digit | High precision for industrial monitoring |
| **Mounting** | 1/32 DIN | Compact size for high-density panels |
---
### 2. Key Electronic Components & Internal Workings
The internal circuitry of the M2UDS-J0-R/N consists of four primary stages:
#### A. Input Conditioning (The "J0" Stage)
Since the input is 0-10V DC, the device contains a high-precision **voltage divider** and an **Operational Amplifier (Op-Amp)** buffer. This ensures the meter does not load the signal source (high input impedance).
#### B. Analog-to-Digital Conversion (ADC)
The core is a **Dual-slope or Sigma-Delta ADC**. It converts the analog 0-10V signal into a digital value. This chip usually integrates "Auto-Zero" and "Auto-Polarity" features to maintain accuracy over time.
#### C. Microcontroller / Logic Unit
The digital value is processed by a microcontroller which applies **Scaling**. For example, a 0-10V signal can be scaled to represent 0-100% or 0-500 Units on the display.
#### D. Power Supply Isolation (The "R" Stage)
As an industrial device, the 24V DC power input is typically filtered and regulated. Higher-end models in this series include **galvanic isolation** between the power supply and the input signal to prevent ground loops.
---
### 3. Connection Diagram (Simplified)
The device typically uses a screw terminal block for wiring:
```markdown
Terminal # | Function | Description
-----------|---------------|-----------------------
1 | + Input | Positive 0-10V DC signal
2 | - Input | Common/Return for signal
3 | + Power | +24V DC Supply
4 | - Power | 0V DC (GND) Supply
```
---
### 4. Summary of Use
This part is essentially a **Digital Voltmeter (DVM)** optimized for space-saving. Because it is "Ultra-Slim," it is used where panel depth is limited. The **Red LED** is chosen for high contrast in dark factory environments.
- ⤷How do I scale the 0-10V input to display a custom range like 0-500?
- ⤷ What is the physical mounting depth of the M2UDS series?
- ⤷ Is there a version of this meter that supports 4-20mA current loops?