Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-JF-R2/CE

  • AI
    ## Overview of M2UDS-JF-R2/CE The **M2UDS-JF-R2/CE** is a specific model within the **M2 Series** of Signal Conditioners (Transmitters) manufactured by **M-System** (now part of MG CO., LTD.). This device is a high-performance, plug-in signal conditioner designed to accept a DC input and provide an isolated DC output. ### 1. Model Identification (Part Number Breakdown) | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | M2UDS | DC Alarm (Standard) | | **Input** | J | 0 – 5V DC | | **Output** | F | 4 – 20mA DC | | **Power Supply** | R2 | 11 – 27V DC | | **Standard** | CE | CE Marking (European Safety/EMC Compliance) | --- ### 2. Electronic Specifications The unit serves as an interface between field sensors and control systems (PLC/DCS), providing signal conversion and electrical isolation. #### Electrical Input & Output * **Input Impedance:** 1 MΩ minimum (at voltage input). * **Output Load Resistance:** Maximum 550 Ω. * **Response Time:** ≤ 0.5 seconds (0 – 90%). * **Isolation:** 3-way isolation (Input to Output to Power). * **Accuracy:** ±0.1% of span. #### Power Requirements * **Operating Voltage:** 11 – 27V DC (Ripple 10% p-p max). * **Power Consumption:** Approx. 2W. --- ### 3. Key Electronic Components & Features The internal circuitry is designed for industrial-grade reliability: 1. **Isolation Barrier:** Uses high-frequency transformers or opto-isolators to ensure there is no direct electrical path between the input, output, and power supply (up to 2000V AC). 2. **Calibration Potentiometers:** Located on the front panel (labeled ZERO and SPAN) for fine-tuning the output signal. 3. **LED Indicator:** A power LED indicates the operational status of the internal DC-DC converter. 4. **Terminal Block:** Standard M3 screw terminals for secure wiring. 5. **Protection:** Internal surge protection and noise filtering to comply with CE electromagnetic compatibility (EMC) directives. --- ### 4. Installation & Environment | Parameter | Specification | | :--- | :--- | | **Mounting** | Surface or DIN rail | | **Operating Temp** | -5 to +55°C (23 to 131°F) | | **Operating Humidity** | 30 to 90% RH (non-condensing) | | **Isolation Resistance** | 100 MΩ or more with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 5. Common Applications * **Signal Level Conversion:** Converting a 0-5V sensor signal into a 4-20mA loop for long-distance transmission. * **Ground Loop Prevention:** Breaking ground loops in complex industrial circuits via 3-way isolation. * **Signal Buffering:** Protecting sensitive PLC inputs from field-side electrical surges.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the wiring diagram for the 11-27V DC power supply?
    • ⤷ Can this unit be mounted on a standard 35mm DIN rail?