AI

The **M2UDS-K4W-R/N** belongs to the **M2UDS series** of high-speed, high-resolution digital indicator units manufactured by **Magnescale** (formerly Sony Manufacturing Systems). These units are primarily used in precision measurement applications.
Below is a breakdown of its electronic components, specifications, and features.
---
### 1. Technical Specifications
The "K4W" designation typically refers to a specific input/output configuration and physical size.
| Parameter | Specification Details |
| :--- | :--- |
| **Compatible Probes** | Magnescale DK series (DK800, DK10, etc.) |
| **Resolution** | Selectable (usually up to 0.1 μm or 0.5 μm) |
| **Output Type** | BCD (Binary Coded Decimal) or RS-232C (Depending on exact module) |
| **Power Supply** | +12V to +24V DC |
| **Display Type** | 7-segment green LED (High visibility) |
| **Mounting Style** | Panel Mount (DIN size) |
---
### 2. Key Electronic Features
#### A. Signal Processing Engine
The unit contains high-speed interpolation circuitry. It converts the analog sine/cosine signals from a Magnescale probe into digital pulses, allowing for sub-micron measurement accuracy.
#### B. Comparative Outputs (Go/No-Go)
The "R/N" in the model name often refers to the **Comparator Logic**:
* **Relay/Open Collector Outputs:** Used for automated quality control. It provides signals for:
* **High (H):** Measurement exceeds upper limit.
* **Go (G):** Measurement is within tolerance.
* **Low (L):** Measurement is below lower limit.
#### C. Connectivity Ports
The back of the unit features several electronic interfaces:
1. **Probe Input:** A multi-pin connector for the Magnescale sensor.
2. **I/O Terminal Block:** For external Reset, Peak Hold, and Preset functions.
3. **Data Output:** Used to send measurement data to a PLC (Programmable Logic Controller) or PC.
---
### 3. Usage Context
The M2UDS-K4W-R/N is designed for industrial environments where electronic noise is common. It features:
* **High Noise Immunity:** Shielded circuitry to prevent interference from motors or high-voltage lines.
* **Peak Hold Functions:** Electronics capable of capturing Maximum, Minimum, and Peak-to-Peak (TIR) values digitally.
---
### 4. Part Number Breakdown (Typical)
| Code | Meaning |
| :--- | :--- |
| **M2UDS** | Series Name (Multi-function Digital Scale unit) |
| **K4W** | Specific chassis/interface configuration (BCD/Input type) |
| **R/N** | Output polarity or relay logic (R: Relay, N: NPN Open Collector) |
- ⤷
What is the pinout configuration for the M2UDS-K4W-R/N terminal block?
- ⤷ How do I calibrate the M2UDS unit with a DK-series probe?
- ⤷ What is the difference between the R and N versions regarding output wiring?