AI

The **M2UDS-K5-R** is a specific model within a series of digital indicators/transducers, typically associated with signal conditioning and display modules used in industrial automation.
---
### ## Technical Specifications Overview
The electronic components of the M2UDS series are designed to convert analog input signals into standardized output signals while providing a local digital readout.
| Feature | Specification |
| :--- | :--- |
| **Input Type** | DC Current or Voltage (Universal/Selectable) |
| **Output Type** | Dual Output (Current/Voltage) |
| **Display** | 4-digit Red LED |
| **Power Supply** | 100 – 240V AC or 24V DC (Depending on variant) |
| **Accuracy** | ±0.1% of span |
| **Mounting** | Plug-in / DIN Rail |
---
### ## Key Electronic Subsystems
#### 1. Input Processing Circuit
The "Front-end" consists of high-precision operational amplifiers and an **Analog-to-Digital Converter (ADC)**. It scales the incoming sensor signal (e.g., 4-20mA or 0-10V) into a digital format that the internal microprocessor can interpret.
#### 2. Isolation Barrier
A critical electronic feature of the M2UDS-K5-R is **Galvanic Isolation**. It uses optocouplers or magnetic transformers to isolate the input, output, and power circuits. This prevents ground loops and protects sensitive equipment from high-voltage surges.
#### 3. Microcontroller Unit (MCU)
The MCU handles:
* **Linearization:** Correcting non-linear sensor inputs.
* **Scaling:** Converting the raw signal into engineering units (e.g., PSI, °C).
* **Display Logic:** Driving the 7-segment LED display.
#### 4. Output Stage (DAC)
The **Digital-to-Analog Converter (DAC)** generates the "R" (Relay or Retransmission) signal. In the "K5-R" configuration, this involves power transistors or high-quality relays to provide the control signal back to a PLC or SCADA system.
---
### ## Connection Terminal Layout
Most units in this series follow a standardized pin-out for easy replacement:
1. **Terminals 1 & 11:** Power Supply Input.
2. **Terminals 4, 5, 6:** Input Signal (Positive/Negative/Shield).
3. **Terminals 7, 8, 9, 10:** Output signals (Output 1 and Output 2).
---
- ⤷
What are the specific configuration settings for the M2UDS scaling?
- ⤷ Does the M2UDS-K5-R support Modbus communication protocols?
- ⤷ How do I troubleshoot a 'Burnout' error on this module?