M2UDS-K5-R2
AI

The **M2UDS-K5-R2** is a specific model within the **M2 Series** of digital panel meters manufactured by **M-System** (now part of MG CO., LTD). This device is primarily used as a digital indicator with alarm outputs for industrial automation and process control.
---
### 1. Model Code Breakdown
Understanding the specific nomenclature helps identify the electronic capabilities of this unit:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2UDS** | Base Model | Digital Indicator (4-digit LED) |
| **K5** | Input Type | **DC Voltage/Current** (Universal Input) |
| **R** | Output Type | **Relay Contact** (Dual Alarms) |
| **2** | Power Supply | **24V DC** |
---
### 2. Key Electronic Components & Functions
#### A. Input Stage (The "K5" Configuration)
The input circuitry is designed to handle high-precision analog signals.
* **Voltage Inputs:** Typically ranges from 0–10V, 1–5V, or ±10V DC.
* **Current Inputs:** Typically 4–20mA or 0–20mA (requires an external or internal shunt resistor).
* **A/D Converter:** High-resolution Analog-to-Digital converter to ensure process accuracy.
#### B. Display & Processing
* **LED Display:** A 4-digit, red LED display (character height approx. 8mm).
* **Microcontroller:** Manages the scaling of the raw analog input into engineering units (e.g., PSI, °C, Liters) and controls the alarm logic.
#### C. Alarm Outputs (The "R" Configuration)
* **Relay Type:** Dual (2) Form A relay contacts.
* **Capacity:** Rated for approximately 250V AC @ 0.5A or 30V DC @ 0.5A (resistive load).
* **Logic:** Includes programmable deadband (hysteresis) and ON-delay timers to prevent "chattering" of the relays.
#### D. Power Supply (The "2" Configuration)
* **Operating Voltage:** 24V DC (±10%).
* **Isolation:** The electronics feature 3-way isolation between the **Input**, **Output**, and **Power Supply** terminals. This prevents ground loops and protects the internal circuitry from surges.
---
### 3. Technical Specifications Summary
| Feature | Specification |
| :--- | :--- |
| **Display Range** | -1999 to 9999 |
| **Accuracy** | ±0.1% of span ±1 digit |
| **Sampling Rate** | Approx. 100 milliseconds |
| **Insulation Resistance** | 100 MΩ or more with 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) |
| **Housing Material** | Flame-resistant resin (Black) |
---
### 4. Wiring Diagram Overview
The rear terminal block is organized to keep sensitive signal wires separate from power wires:
1. **Terminals 1-2:** Alarm Output 1 (Relay)
2. **Terminals 3-4:** Alarm Output 2 (Relay)
3. **Terminals 5-6:** DC Power Input (24V)
4. **Terminals 7-8:** Analog Input Signal
---
- ⤷How do I calibrate the zero and span on the M2UDS-K5-R2?
- ⤷ What is the specific internal resistance for the 4-20mA input setting?
- ⤷ Can this model be mounted on a standard DIN rail?