M2UDS-K5W-R/N
AI

The **M2UDS-K5W-R/N** belongs to the **M2UDS series**, which are high-performance, ultra-compact digital transducers typically used for signal conditioning and isolation. These units are designed to convert a standard input signal (like DC voltage or current) into a stable, isolated output.
---
### 1. Model Breakdown
The alphanumeric code specifies the hardware configuration:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | M2UDS | Ultra-slim Digital Signal Conditioner/Transducer |
| **Input** | K | Typically refers to a specific DC Input range (e.g., ±5V or ±10V) |
| **Output** | 5W | Dual Output (typically 4–20mA or 1-5V depending on sub-specs) |
| **Power** | R | 24V DC Power Supply |
| **Standard** | N | Standard version (Non-CE/UL or specific terminal style) |
---
### 2. Core Electronic Components
The internal architecture of this device consists of several key stages:
#### A. Input Stage (Signal Conditioning)
* **Precision Resistors:** Used for voltage division or current sensing to scale the input signal.
* **Operational Amplifiers (Op-Amps):** Low-drift amplifiers ensure high input impedance and signal integrity.
#### B. Isolation Barrier
* **Optical/Magnetic Couplers:** This is a crucial part. It provides **Galvanic Isolation** (usually up to 2000V AC) between the input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
#### C. Microprocessor/Converter Stage
* **A/D Converter (Analog-to-Digital):** Converts the conditioned analog input into a digital value for processing.
* **D/A Converter (Digital-to-Analog):** Converts the processed signal back into a precise analog output (4-20mA or 0-10V).
#### D. Power Supply Unit (PSU)
* **DC-DC Converter:** Regulates the 24V DC input into specific internal voltages required by the op-amps and digital circuits.
---
### 3. Technical Specifications
Typical performance characteristics for this series include:
| Feature | Specification |
| :--- | :--- |
| **Input Impedance** | ≥ 1 MΩ (for Voltage) |
| **Output Load Resistance** | ≤ 550 Ω (for 4-20mA) |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 to 90%) |
| **Isolation Strength** | 2000V AC @ 1 minute |
---
### 4. Application Logic
The electronic circuitry is designed to solve two main problems in industrial automation:
1. **Signal Conversion:** Converting a non-standard sensor output into a standard 4-20mA signal for a PLC.
2. **Noise Mitigation:** The high-speed isolation electronics filter out Electromagnetic Interference (EMI) and prevent electrical noise from traveling across the wire.
- ⤷What are the specific wiring pinouts for the M2UDS series?
- ⤷ How does 'Dual Output' (5W) affect the power consumption of the device?
- ⤷ Is the M2UDS-K5W-R/N programmable via PC software or DIP switches?