M2UDS-Z1-R/CE
AI

The **M2UDS-Z1-R/CE** is a high-precision, plug-in signal transducer (isolator) manufactured by **M-System** (now part of MG CO., LTD). It is specifically designed to convert a DC input signal into a standard DC output signal while providing galvanic isolation.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2 Series (Mini-M) |
| **Input Signal** | 4 – 20 mA DC |
| **Output Signal** | 4 – 20 mA DC |
| **Power Input (R)** | 24V DC (Allowable range: 24V ±10%) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Construction** | Plug-in style (Base socket included) |
| **Standards** | CE marking (EMC Directive & Low Voltage Directive) |
---
### 2. Functional Electronic Components
The device operates using several critical internal stages to ensure signal integrity:
1. **Input Conditioning Stage:**
Receives the 4-20mA current loop. It typically utilizes a low-drift precision resistor to convert current into a proportional voltage for processing.
2. **Isolation Barrier:**
This is the core "Electronic Part." It uses **Opto-couplers** or **Transformer-based magnetic coupling** to transmit the signal across a physical gap. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges.
3. **Power Supply Circuit (DC-DC Converter):**
Since this is an isolated unit, it contains an internal high-frequency switching regulator that creates independent power rails for the input side and the output side.
4. **Output Driver:**
A precision operational amplifier (Op-Amp) stage that ensures the 4-20mA signal remains linear and stable, even when the load resistance varies (up to 550Ω).
---
### 3. Connection Diagram Overview
The unit typically uses an 8-pin base. Below is the standard pin assignment logic:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Output (+) | 4-20mA DC Output |
| **2** | Output (-) | Common |
| **4** | Input (+) | 4-20mA DC Input |
| **5** | Input (-) | Common |
| **7** | Power (U+) | 24V DC Positive |
| **8** | Power (V-) | 24V DC Negative |
---
### 4. Application Benefits
* **Signal Conversion:** Matches different signal types between field sensors and control rooms.
* **Ground Loop Elimination:** By isolating the input, output, and power, it prevents noise caused by differences in ground potential.
* **Safety (CE Compliance):** The "/CE" suffix confirms the electronics meet rigorous European safety and electromagnetic interference standards.
- ⤷
What is the maximum load resistance supported by the M2UDS-Z1-R/CE output?
- ⤷ Does this model support 110V AC power input alternatives?
- ⤷ How do I calibrate the zero and span settings on this module?