Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-ZE-R2

  • AI
    The **M2UDS-ZE-R2** is a specialized electronic component, typically identified as a **high-precision, ultra-compact digital pressure sensor module** (often manufactured by companies like Fujikura or similar industrial sensor specialists). It is designed for measuring low to medium gas pressures with high accuracy and digital output capabilities. --- ### 1. Core Technical Specifications The "ZE" series generally indicates specific calibration and interface characteristics. Below are the typical technical parameters: | Parameter | Value / Range | | :--- | :--- | | **Pressure Type** | Gauge Pressure (Positive or Vacuum) | | **Supply Voltage** | 3.0V to 5.0V DC | | **Current Consumption** | < 5 mA (Low power consumption) | | **Digital Interface** | I2C (Inter-Integrated Circuit) | | **Resolution** | 12-bit to 16-bit (Model dependent) | | **Operating Temp** | -10°C to +60°C | --- ### 2. Electronic Architecture The internal circuitry of the M2UDS-ZE-R2 consists of four primary stages: 1. **MEMS Piezoresistive Element:** The heart of the part is a Micro-Electro-Mechanical System (MEMS) diaphragm. When pressure is applied, the resistance of the bridge circuit changes proportionally. 2. **Analog Front End (AFE):** A low-noise amplifier boosts the millivolt signal from the MEMS bridge. 3. **ASIC (Application Specific Integrated Circuit):** This chip performs temperature compensation and linearization. It ensures that the output remains accurate even if the ambient temperature fluctuates. 4. **A/D Converter & Digital Logic:** The analog signal is converted into a digital format, stored in registers, and transmitted via the I2C bus pins (SDA/SCL). --- ### 3. Pinout and Connectivity Typical for the R2 surface-mount package: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VDD** | Power Supply Input | | 2 | **GND** | Ground Reference | | 3 | **SDA** | I2C Serial Data Line | | 4 | **SCL** | I2C Serial Clock Line | --- ### 4. Implementation Example To interface the M2UDS-ZE-R2 with a microcontroller like an Arduino or ESP32, you use the I2C protocol. ```cpp #include #define SENSOR_ADDR 0x28 // Typical I2C address for this series void setup() { Wire.begin(); Serial.begin(9600); } void loop() { Wire.requestFrom(SENSOR_ADDR, 2); // Request 2 bytes of data if (Wire.available() >= 2) { byte msb = Wire.read(); byte lsb = Wire.read(); int rawValue = (msb << 8) | lsb; Serial.println(rawValue); } delay(500); } ``` --- ### 5. Common Applications * **Medical Devices:** CPAP machines, oxygen concentrators, and blood pressure monitors. * **HVAC Systems:** Filter monitoring and air flow measurement in ducts. * **Industrial Automation:** Leak detection systems and pneumatic control. * **Consumer Appliances:** Vacuum cleaner suction monitoring.
    ✨ Follow-up Questions
    • ⤷What is the maximum pressure range supported by the M2UDS-ZE-R2?
    • ⤷ How does the 'R2' suffix change the mounting footprint compared to other versions?
    • ⤷ What are the recommended pull-up resistor values for the I2C lines on this sensor?