M2UDS2-04W-R/N
AI

The **M2UDS2-04W-R/N** is a specialized electronic component, typically categorized as a **Limit Switch** or **Micro Switch** unit, often used in industrial automation, elevator systems, or safety control circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Limit Switch / Position Switch |
| **Contact Configuration** | Typically 1NO + 1NC (1 Normal Open + 1 Normal Close) |
| **Actuator Type** | Roller Plunger / Lever (depending on the specific mounting) |
| **Rated Voltage** | 250V AC / 115V DC (typical industrial rating) |
| **Current Rating** | 5A to 10A (Resistive load) |
| **Housing Material** | High-durability Plastic or Die-cast Metal |
| **Ingress Protection** | IP65/IP67 (Dust tight and water-resistant) |
---
### 2. Functional Components
The "Electronic Parts" within this assembly consist of mechanical and electrical interfaces working in tandem:
* **Switching Mechanism:** A snap-action contact block that ensures rapid transition between states to prevent electrical arcing.
* **Terminals:** Screw-type or plug-in terminals designed for industrial wiring (usually silver or gold-plated for conductivity).
* **Return Spring:** A high-tension internal spring that resets the electronic state once the physical pressure is removed from the actuator.
* **Contact Material:** Silver alloy is commonly used to handle high-frequency switching and minimize electrical resistance.
---
### 3. Part Number Breakdown (Typical)
While nomenclature varies by manufacturer (such as Omron or Schneider-style numbering), the code usually breaks down as follows:
1. **M2U:** Series identifier for the mechanical switch body.
2. **DS2:** Designates the contact block type (Double pole/Snap action).
3. **04W:** Refers to the physical actuator style (e.g., Cross-roller or specialized lever).
4. **R/N:**
* **R:** Often indicates "Red" (Safety color) or "Right-hand" orientation.
* **N:** Usually indicates a "Neutral" state or specific NPN/PNP wiring logic if an LED indicator is present.
---
### 4. Circuit Representation
In an electrical schematic, the part is represented as follows:
```text
[ Terminal 1 ] ----/ ---- [ Terminal 2 ] (Normally Open)
[ Terminal 3 ] ---------- [ Terminal 4 ] (Normally Closed)
```
---
- ⤷
What are the common industrial applications for this specific switch?
- ⤷ Is there a direct equivalent or replacement part from other manufacturers?
- ⤷ What is the mechanical lifespan (number of cycles) for the M2UDS2 series?