M2UDS2-10-R2/CE
AI

The **M2UDS2-10-R2/CE** is a high-performance **Digital Potentiometer (Remote Control Unit)** manufactured by **M-System** (part of the M2 Series). It is designed to convert external contact signals (Raise/Lower) into a DC output signal.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Model Series** | M2 Series (Mini-M) |
| **Power Input** | 100 – 240V AC (Standard for /CE models) |
| **Output Type** | 4 – 20 mA DC |
| **Input Signals** | Dry contact or Open Collector (Raise/Lower) |
| **Response Time** | Configurable (Internal adjustment) |
| **Accuracy** | ±0.1% |
| **Mounting** | DIN Rail or Surface Mount |
---
### 2. Functional Components
The device acts as an electronic interface that maintains a "memory" of a specific output level. Its internal electronic architecture consists of:
#### A. Input Stage (Contact Interface)
The device features two control inputs:
1. **UP (Raise):** Increases the output signal level.
2. **DOWN (Lower):** Decreases the output signal level.
*These inputs are optically isolated to protect the internal circuitry from external electrical noise.*
#### B. The Digital Memory Circuit
Unlike a mechanical potentiometer that uses a wiper, the M2UDS2 uses a **digital counter and DAC (Digital-to-Analog Converter)**.
- When the "Raise" contact is closed, the internal counter increments.
- The DAC converts this digital value into a precise analog voltage/current.
- **Power Failure Memory:** The device retains its last output value in non-volatile memory even if the power supply is interrupted.
#### C. Ramp & Rate Control
There are internal adjustments (potentiometers or switches behind the front cover) that allow the user to define the **Full-scale ramp time**. This determines how fast the signal moves from 0% to 100% when a contact is held down.
---
### 3. Electronic Protection & Standards
* **Isolation:** Offers 2000V AC isolation between input, output, and power terminals.
* **CE Marking:** The "/CE" suffix indicates compliance with European Union safety and EMC (Electromagnetic Compatibility) standards.
* **Output Drive:** Capable of driving loads up to 750 $\Omega$ for the 4-20mA output.
---
### 4. Typical Wiring Diagram
The device uses a **base socket** for wiring, allowing the electronic module to be replaced without disconnecting wires.
```text
Terminals:
[1] - Output (+)
[2] - Output (-)
[3] - UP Input
[4] - DOWN Input
[5] - Common (Input)
[7] - L (Power AC)
[8] - N (Power AC)
```
- ⤷How do I adjust the ramp speed on the M2UDS2?
- ⤷ What is the difference between the R and R2 power options?
- ⤷ Can this unit be used with a PLC for manual override?