M2UDS2-15-R
AI

The **M2UDS2-15-R** is a specific model within a series of industrial **Signal Conditioners** (specifically an Isolation Transmitter/Isolator) typically manufactured by companies like **M-System**.
These devices are used in industrial automation to interface between field sensors and control systems (PLC/DCS) to ensure signal integrity and safety.
---
## 1. Technical Specifications
The model code `M2UDS2-15-R` breaks down into specific electronic parameters:
| Component Code | Parameter | Description |
| :--- | :--- | :--- |
| **M2UDS2** | Model Series | Ultra-slim Signal Conditioner (Dual Output) |
| **1** | Input Signal | Usually 4–20 mA DC (Current) |
| **5** | Output 1 | 4–20 mA DC |
| **R** | Power Input | 24V DC |
---
## 2. Key Electronic Functions
### A. Galvanic Isolation
This is the primary function of the device. It electronically separates the input circuit, the output circuit, and the power supply.
* **Purpose:** Prevents ground loops, protects sensitive equipment from high-voltage surges, and reduces electrical noise.
* **Isolation Strength:** Typically provides isolation up to 2000V AC.
### B. Signal Conversion & Linearization
The internal circuitry takes an analog input (e.g., from a flow meter or pressure sensor) and reproduces it at the output terminal.
* **Accuracy:** High-precision resistors and operational amplifiers ensure the signal is mirrored with minimal error (usually $\pm 0.1\%$).
* **Dual Output:** This specific model often supports two independent outputs from a single input, allowing one signal to go to a local display and the other to a central PLC.
### C. Power Management
The "R" designation signifies it runs on **24V DC**.
* **Protection:** Includes reverse polarity protection and surge suppression to prevent the internal electronics from burning out if wired incorrectly.
---
## 3. Physical & Internal Construction
* **Housing:** DIN-rail mountable, ultra-slim design (approx. 12.5mm width) to save cabinet space.
* **Terminals:** M3 screw terminals for secure industrial wiring.
* **Status Indicator:** Usually features a front-facing LED to indicate power status or error states.
### Internal Diagram Block (Conceptual)
```text
[Input Terminal] -> [Surge Prot.] -> [A/D Converter/Isolator] -> [D/A Converter] -> [Output Terminal]
^
[Power Supply]
```
---
## 4. Typical Applications
1. **Ground Loop Elimination:** When the sensor and the PLC are at different ground potentials.
2. **Signal Splitting:** Sending one 4-20mA signal to two different receivers without losing current strength.
3. **Noise Filtering:** Acting as a buffer in high-EMI (Electromagnetic Interference) environments.
- ⤷What is the difference between a signal isolator and a signal converter?
- ⤷ How do I wire the M2UDS2-15-R for a 4-20mA loop?
- ⤷ Can this model be used with a 110V AC power source?