M2UDS2-155W-R2/CE
AI

The **M2UDS2-155W-R2/CE** is a specialized industrial power supply unit (PSU), typically categorized as an Uninterruptible Power Supply (UPS) module or a redundant power module designed for high-reliability systems.
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. General Specifications
This unit is designed to provide stable DC power while offering protection against input power failure.
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2UDS (Ultra-Slim / Redundant series) |
| **Power Output** | 155 Watts |
| **Type** | AC/DC Internal Power Module |
| **Compliance** | CE (European Conformity) |
| **Input Range** | Typically Universal AC (85-264VAC) |
---
### 2. Core Electronic Parts & Architecture
The device is composed of several critical electronic sub-systems:
#### A. Input Rectification & Filtering
* **Bridge Rectifier:** Converts incoming AC voltage to high-voltage DC.
* **EMI/EMC Filter:** Includes X/Y capacitors and common-mode chokes to suppress electromagnetic interference, ensuring compliance with CE standards.
* **Inrush Current Limiter:** Often a thermistor (NTC) to prevent high current spikes upon startup.
#### B. Power Conversion Stage (Switch-Mode)
* **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain steady output voltage.
* **MOSFETs (Power Switches):** High-speed transistors used to chop the DC voltage into high-frequency pulses.
* **Transformer:** A high-frequency ferrite core transformer providing galvanic isolation between the input and output.
#### C. Secondary Rectification & Smoothing
* **Schottky Diodes / Synchronous Rectifiers:** Convert the high-frequency AC from the transformer back into DC.
* **Electrolytic Capacitors:** Low-ESR capacitors used to smooth ripples and provide energy storage for load transients.
#### D. Protection & Feedback Circuits
* **Optoisolator:** Provides feedback from the output side to the input side while maintaining electrical isolation.
* **Over-Voltage Protection (OVP) & Over-Current Protection (OCP):** Monitoring circuits that shut down the unit if parameters exceed safe limits.
---
### 3. Key Electronic Features (R2/CE Version)
The "R2" designation often refers to a specific revision or a redundant configuration capability.
1. **Redundancy Logic:** Contains "ORing" diodes or MOSFETs that allow the module to be connected in parallel with another PSU. If one fails, the other takes over instantly without a system reboot.
2. **Remote Monitoring:** Likely includes pins for "DC OK" signals or "Power Fail" alarms to interface with a PLC (Programmable Logic Controller).
3. **Thermal Management:** Internal heatsinks and thermal sensors to prevent overheating during 155W peak loads.
---
### 4. Technical Summary Table
| Part Category | Function in M2UDS2-155W-R2/CE |
| :--- | :--- |
| **Switching Element** | High-efficiency Power MOSFETs |
| **Storage** | High-temperature (105°C) rated Electrolytic Capacitors |
| **Control** | Pulse Width Modulation (PWM) Control |
| **Isolation** | 3kV+ Isolation Barrier (Input to Output) |
| **Connectivity** | Industrial-grade screw terminals or header connectors |
- ⤷
What are the specific input voltage ranges supported by the M2UDS series?
- ⤷ Does this model support hot-swapping in a redundant configuration?
- ⤷ What is the typical MTBF (Mean Time Between Failures) for this PSU?