AI

The **M2UDS2-1D-R** is a specific model of an **M2 Series Electronic Multi-Unit Digital Timer** or **Digital Counter/Timer**, typically manufactured by industrial automation companies like Autonics (though part numbers can vary by region and specific OEM).
Below is a detailed breakdown of its electronic components, specifications, and functions.
---
## 1. Core Technical Specifications
The part number suffix typically indicates the output type, power supply, and control mode.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Digital Multi-Timer / Counter |
| **Display Type** | 7-Segment LED (Usually 4 or 6 digits) |
| **Power Supply** | 100-240VAC (Standard for -R models) |
| **Output Type** | Relay Contact (SPDT - Single Pole Double Throw) |
| **Mounting Type** | DIN Rail or Panel Mount (Plug-in 8-pin or 11-pin) |
| **Operating Modes** | Signal ON Delay, Flicker, Interval, Signal OFF Delay |
---
## 2. Key Electronic Parts and Internals
The internal circuitry of the M2UDS2-1D-R is comprised of several functional blocks:
### A. Power Supply Module
* **Transformer/Switching Circuit:** Converts the high voltage AC (100-240V) to low voltage DC (5V or 12V) to power the internal logic.
* **Varistor (MOV):** Protects the device from voltage surges in industrial environments.
### B. Control Logic (The "Brain")
* **Microcontroller (MCU):** An embedded 8-bit or 16-bit processor that handles the timing algorithms, scale calculations, and user inputs.
* **EEPROM:** Non-volatile memory that stores your settings (time range, mode) even when power is disconnected.
### C. Input/Output Interface
* **Optocouplers:** Used for the "Start," "Reset," and "Inhibit" inputs to provide galvanic isolation between the external field wiring and the internal CPU.
* **Electromechanical Relay:** The "R" in the part number signifies a Relay output. It acts as the physical switch that opens or closes the circuit for the load.
---
## 3. Functionality & User Interface
The "M2UDS" series is designed for precision and versatility in industrial panels.
### User Controls
* **Up/Down Buttons:** Digital keys to set the threshold or time limit.
* **Mode Switch:** Allows the user to toggle between timing (seconds, minutes, hours) and counting.
### Time Ranges
Typical ranges available via the electronic logic include:
* 0.01 sec to 99.99 sec
* 1 min to 9999 hours
---
## 4. Typical Wiring Diagram (8-Pin Configuration)
Most models in this series utilize a standard circular socket.
| Pin Number | Function |
| :--- | :--- |
| **2 & 7** | Power Supply (AC Input) |
| **1, 3, 4** | Relay Output 1 (COM, NO, NC) |
| **5, 6, 8** | Control Inputs (Start, Reset, or Inhibit) |
---
- ⤷
What is the maximum contact rating for the relay output in this model?
- ⤷ How do I change the time range from seconds to hours on the M2UDS?
- ⤷ Does this model support NPN or PNP input signals?