Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS2-20-R2/CE

  • AI
    The **M2UDS2-20-R2/CE** is a high-performance, DIN-rail mounted signal conditioner (specifically a **Universal Dual-Output Isolator**) manufactured by **M-System**. It is designed to convert and isolate DC input signals into standard process signals. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Series** | M2 (Mini-M) Series | | **Input Type** | Universal (DC Current or Voltage) | | **Output 1 & 2** | Selectable (Current/Voltage) | | **Power Input** | 100 – 240V AC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail | | **Certification** | CE Marking | --- ### 2. Core Electronic Components & Architecture The device is composed of several critical electronic stages that ensure signal integrity and safety in industrial environments: #### A. Input Conditioning Stage * **A/D Converter:** Converts the analog input signal (e.g., 4-20mA or 0-10V) into a digital format for processing. * **Precision Resistors:** Used for current-to-voltage conversion at the input terminals with high thermal stability. #### B. Galvanic Isolation (The "Isolator" Core) * **Optical or Magnetic Coupling:** Uses optoisolators or transformers to transfer signal data across a physical gap. This prevents "ground loops" and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. #### C. Signal Processing & Output * **Microprocessor/Logic:** Handles the linear scaling and calibration of the signal. * **D/A Converters:** Two separate Digital-to-Analog converters drive the dual outputs independently. * **Operational Amplifiers (Op-Amps):** Used to buffer and scale the final output signals to ensure they can drive the required load impedance. #### D. Power Supply Unit (PSU) * **Switching Regulator:** An internal AC/DC converter that steps down the 100-240V AC mains power to low-voltage DC (typically 5V or 12V) required for the internal circuitry. --- ### 3. Terminal Connection Diagram (General) ```text [ Input ] [ Power ] [ Output ] Terminals Terminals Terminals (1) (+) <---In--- (4) L (+) (9) Out 1 (+) (2) (-) (5) N (-) (10) Out 1 (-) (11) Out 2 (+) (12) Out 2 (-) ``` --- ### 4. Functional Benefits 1. **Dual Output:** Allows one sensor signal to be sent to two different devices (e.g., a local display and a remote PLC) simultaneously without signal loss. 2. **Noise Rejection:** High Common Mode Rejection Ratio (CMRR) filters out electromagnetic interference (EMI) common in industrial plants. 3. **Space Saving:** The "Mini-M" housing is extremely compact, allowing for high-density installation on DIN rails.
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ How do I configure the input range using the internal DIP switches?
    • ⤷ What are the specific differences between the R and R2 versions of this unit?