M2UDS2-22-R2
AI

The **M2UDS2-22-R2** is a specific model of an **Industrial Magnetic Proximity Sensor**, typically categorized as a magnetic reed switch or a non-contact safety switch used in industrial automation.
---
### 1. Technical Specifications
The "electronic parts" of this device consist of the internal switching mechanism and the output wiring configuration.
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Magnetic Reed Switch / Non-contact |
| **Contact Configuration** | 2 NO (Normally Open) or 1NO/1NC (Model dependent) |
| **Max Voltage** | 100V - 250V AC/DC (varies by application) |
| **Contact Capacity** | Typically 0.5A to 1.0A |
| **Connection Type** | M12 Connector or Flying Leads |
| **Housing Material** | Stainless Steel or High-grade Plastic |
### 2. Internal Electronic Components
The device operates on electromagnetic principles rather than solid-state electronics (like NPN/PNP transistors).
* **Reed Switch Element:** The core component. It consists of two ferromagnetic blades sealed in a glass envelope. When a magnetic field (from an actuator) approaches, the blades pull together to close the circuit.
* **Encapsulation:** The internal parts are potted in epoxy resin to protect against vibration, moisture, and dust (IP67 rating).
* **Protection Diodes/Varistors:** Some versions include internal surge suppression to prevent arcing when switching inductive loads.
### 3. Wiring Logic
The **"22"** in the part number often indicates the contact arrangement. For a standard 2-wire or 4-wire setup, the circuit looks like this:
```mermaid
graph LR
A[Power In] --> B(Magnetic Switch)
B --> C[Load/PLC Input]
C --> D[Common/Ground]
```
### 4. Key Features
* **Non-Contact Operation:** No physical contact between the sensor and the target (actuator) means zero mechanical wear.
* **High Environmental Resistance:** Ideal for wash-down environments or areas with heavy debris.
* **Safety Rating:** Often used in interlocking circuits for machine guards.
---
- ⤷
What is the sensing distance for the M2UDS2-22-R2?
- ⤷ Is this sensor compatible with a 24V DC PLC input?
- ⤷ Does it require a separate magnetic actuator to function?