AI

The **M2UDS2-5W1-R2** is a high-precision, industrial-grade signal conditioner/transmitter from the **M2 Series** manufactured by **M-System**. It is specifically designed as a **Universal Temperature Transmitter** that converts temperature sensor inputs into isolated DC output signals.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Input Type** | Universal (RTD, Thermocouple, Potentiometer, or DC mV) |
| **Output Type** | DC Voltage or Current (e.g., 4-20mA, 0-10V) |
| **Power Supply** | 100 – 240V AC (indicated by "5W1" code) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting (Plug-in base) |
| **Accuracy** | Typically ±0.1% of span |
---
### 2. Electronic Component Breakdown
The device functions through several internal electronic stages to ensure signal integrity:
#### A. Input Conditioning Stage
* **Sensor Interface:** Features high-impedance circuitry to prevent loading effects on the sensor.
* **A/D Converter:** Converts the analog signal from the temperature probe into a high-resolution digital value for processing.
* **Cold Junction Compensation (CJC):** If used with thermocouples, an internal thermistor monitors the terminal temperature to compensate for voltage errors.
#### B. Isolation Barrier
* **Galvanic Isolation:** Uses opto-isolators or magnetic transformers to separate the input, output, and power circuits. This prevents ground loops and protects expensive control equipment (like a PLC) from high-voltage surges on the field side.
#### C. Microprocessor Control
* **Linearization:** Since sensors like Thermocouples are non-linear, the internal CPU applies a mathematical curve to ensure the output is perfectly proportional to the actual temperature.
* **Configuration:** The "R2" suffix often denotes specific factory settings or communications protocols for field configuration.
#### D. Output Driver
* **D/A Converter:** Converts the processed digital signal back into an analog format.
* **Precision Amplifier:** Ensures the output (e.g., 4-20mA) remains stable regardless of the load resistance.
---
### 3. Application Use Case
This part is typically found in:
1. **Chemical Plants:** Monitoring reactor temperatures.
2. **Power Generation:** Sending boiler temperature data to a central SCADA system.
3. **HVAC Systems:** High-precision air handling control.
- ⤷
How do I configure the input type for this specific model?
- ⤷ What is the maximum isolation voltage for the M2 Series?
- ⤷ Does this model support HART communication?