M2UDS2-5W5W-R
AI

The **M2UDS2-5W5W-R** is a high-performance **DC-DC Isolated Converter** module, typically used in industrial, medical, or telecommunications applications where power isolation and voltage regulation are critical.
Below is a breakdown of its electronic characteristics and specifications.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | Isolated DC-DC Converter |
| **Input Voltage** | 5V DC (Nominal) |
| **Output Voltage** | Dual 5V DC (±5V) |
| **Power Rating** | 2 Watts (approximate based on series coding) |
| **Isolation Voltage** | Typically 1.5kV to 3kV DC |
| **Package Style** | SIP (Single In-line Package) or DIP |
---
### 2. Core Electronic Components & Architecture
The internal circuitry of this module consists of four primary stages:
1. **Input Filter Stage:** Consists of capacitors and sometimes small inductors (Pi-filter) to reduce reflected ripple current and protect the source from switching noise.
2. **Switching Regulator (Inverter):** Uses a high-frequency PWM (Pulse Width Modulation) controller and MOSFETs to convert the DC input into high-frequency AC.
3. **Isolation Transformer:** The heart of the unit. It transfers energy across a galvanic barrier using magnetic fields, ensuring there is no direct electrical connection between input and output.
4. **Rectification & Output Smoothing:** Schottky diodes rectify the AC back to DC, and low-ESR capacitors smooth the output to provide a stable 5V signal.
---
### 3. Key Technical Features
* **Galvanic Isolation:** Prevents ground loops and protects sensitive logic-side components from high-voltage transients on the load side.
* **Dual Output (-R suffix):** This specific model provides a split rail (positive and negative 5V), which is essential for powering operational amplifiers (Op-Amps) and high-precision analog sensors.
* **Efficiency:** Generally operates between 75% and 85% efficiency, reducing heat dissipation requirements.
* **Protection:** Usually includes Short Circuit Protection (SCP) and sometimes thermal shutdown.
---
### 4. Pinout Configuration (Standard SIP-7)
While you should always consult the specific datasheet for the manufacturer (like Murata, Recom, or Mornsun), the standard pinout for this class of device is:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage (5V) |
| 2 | -Vin | Input Ground / Return |
| 4 | -Vout | Negative Output (-5V) |
| 5 | Common | Output Ground (0V Reference) |
| 6 | +Vout | Positive Output (+5V) |
---
- ⤷
What is the maximum operating temperature for the M2UDS2 series?
- ⤷ Does this module require external capacitors for stability?
- ⤷ Can the dual outputs be used in parallel to increase current?