M2UDS2-5W5W-R2
AI

The **M2UDS2-5W5W-R2** is a specialized industrial signal conditioner, specifically a **Plug-in Multi-mount Signal Conditioner** (often part of the M2 series by manufacturers like M-System/MG CO., LTD). It is designed to interface between field sensors and control systems (PLC/DCS).
---
## Technical Specifications Breakdown
The model number typically follows a specific nomenclature. Here is the breakdown of the electronic parameters for this specific part:
| Component Code | Parameter Type | Description |
| :--- | :--- | :--- |
| **M2UDS2** | Model Series | DC Alarm (dual output) / Signal Conditioner |
| **5** | Input Signal | 0 – 5V DC |
| **W** | Output 1 | Relay Contact (SPDT) |
| **W** | Output 2 | Relay Contact (SPDT) |
| **R** | Power Supply | 24V DC |
| **2** | Style/Version | Specific design iteration or enclosure style |
---
## Key Electronic Features
### 1. Input Stage
* **Voltage Range:** Fixed at 0 to 5V DC.
* **Input Impedance:** Usually $\ge$ 1MΩ, ensuring minimal load on the source signal.
* **Function:** It monitors a DC voltage signal and compares it against a user-defined setpoint.
### 2. Dual Alarm Outputs (5W5W)
This unit features two independent alarm outputs, typically used for:
* **High-High (HH):** Extreme condition shutdown.
* **High (H):** Warning state.
* **Low (L) or Low-Low (LL):** Undervoltage alerts.
* **Switching Capacity:** Usually rated for 120V AC @ 0.5A or 30V DC @ 0.5A (resistive load).
### 3. Isolation & Protection
* **3-Port Isolation:** It provides electrical isolation between the **Input**, the **Output**, and the **Power Supply**.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
* **Protection:** Integrated surge protection to prevent damage from transients on the power line.
### 4. Configuration Adjustments
Behind the front cover, you will find several electronic adjustment points:
* **Set-point Pots:** Multi-turn potentiometers to set the trip level (0 – 100%).
* **Hysteresis (Deadband):** Adjusts the reset point to prevent "chattering" of the relays.
* **LED Indicators:** Visual status for Power (Green) and Alarm states (Red).
---
## Circuit Connection Example
```mermaid
graph LR
A[0-5V DC Sensor] --> B(Input Terminals)
C[24V DC Power] --> D(Power Terminals)
B --> E{Comparator Circuit}
E --> F[Relay 1: High Alarm]
E --> G[Relay 2: Low Alarm]
```
---
## Physical Construction
* **Mounting:** DIN rail or surface mount via a plug-in base (socket).
* **Wiring:** Screw terminals located on the base socket, allowing the electronic module to be replaced without disconnecting wires.
- ⤷
What are the specific wiring pinouts for the M2UDS2 series?
- ⤷ How do I calibrate the trip points using the onboard potentiometers?
- ⤷ Can the relay outputs be configured for 'Normally Energized' vs 'Normally De-energized' operation?