Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS2-A10-R

  • AI
    The **M2UDS2-A10-R** is an industrial-grade electronic component, specifically a **Solid State Timer** (also known as a Time Delay Relay) manufactured by **MACRO**. It is designed for DIN-rail mounting and is used to control electrical circuits based on specific timing functions. ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Function Type** | Multi-Function Timer (On-Delay, Off-Delay, Interval, etc.) | | **Supply Voltage** | 24-240V AC/DC (Universal Voltage) | | **Output Configuration** | 2 x SPDT (Single Pole Double Throw) | | **Contact Rating** | 5A @ 250VAC / 24VDC | | **Time Range** | 0.1 seconds to 10 days (Selectable) | | **Mounting Type** | 35mm DIN Rail | | **Connection** | Screw Terminals | --- ### 2. Key Electronic Features * **Universal Power Supply:** One of the most significant electronic aspects is its ability to accept a wide range of input voltages (24V to 240V AC/DC). This is achieved through an internal switching power supply circuit that regulates the voltage for the internal logic. * **Microprocessor Control:** The timing is controlled by an internal integrated circuit (IC), ensuring high repeatability and accuracy compared to older pneumatic or thermal timers. * **LED Indicators:** The unit typically features two LED indicators: * **Power LED:** Indicates that the supply voltage is present. * **Relay LED:** Indicates the current status of the output contacts. * **Dual Output:** The "2" in the part number often signifies two sets of changeover contacts, allowing the user to control two separate circuits simultaneously. --- ### 3. Functional Modes The device is "Multi-Function," meaning the internal circuitry can be configured via front-facing rotary switches to perform various logic tasks: 1. **On-Delay:** The timer starts when power is applied; the contacts switch after the set time. 2. **Off-Delay:** The contacts switch immediately when a signal is received and stay switched for a duration after the signal is removed. 3. **Cyclic/Flasher:** The relay toggles ON and OFF repeatedly at set intervals. 4. **Signal ON/OFF Delay:** Timing is triggered by an external control contact (S-terminal). --- ### 4. Application Use Cases * **Motor Starters:** Delayed switching from Star to Delta configuration. * **HVAC Systems:** Delaying fan shutdowns after a heater has turned off. * **Industrial Automation:** Sequencing conveyor belts or managing lubrication cycles.
    ✨ Follow-up Questions
    • ⤷ How do I wire the control terminal (S) for signal-based timing?
    • ⤷ What is the repeatability accuracy percentage for this model?
    • ⤷ Can this timer be used to switch high-inductive motor loads directly?