Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS2-A10-R2

  • AI
    The **M2UDS2-A10-R2** is a specific model of a **Digital Universal Meter** (often referred to as a digital panel meter) manufactured by companies like **Autonics** or similar industrial automation suppliers. It is designed to measure and display various electrical signals in industrial environments. ### 1. Key Technical Specifications Based on the model nomenclature, here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Model Type** | M2UDS (Multi-Input Digital Panel Meter) | | **Input Signal** | Universal (DC Voltage/Current, Thermocouple, RTD) | | **Output Type** | Relay Output (High/Low Alarms) | | **Power Supply** | Typically 100-240VAC or 24-48VDC (Model specific) | | **Display Digits** | 4-digit (usually 7-segment LED) | | **Measurement Range** | Programmable via front buttons | --- ### 2. Core Electronic Components The internal circuitry of this device consists of several critical stages: 1. **Analog Front-End (AFE):** Contains high-precision resistors and operational amplifiers to scale high-voltage or current signals down to a range the microprocessor can read. 2. **Analog-to-Digital Converter (ADC):** Converts the incoming analog signal into a digital value. These meters usually use high-resolution ADCs (12-bit or 16-bit) to ensure accuracy. 3. **Microcontroller (MCU):** The "brain" that processes the digital data, applies calibration scaling, and manages the logic for the alarm outputs. 4. **Power Supply Module:** A switching power supply (SMPS) circuit that converts mains AC/DC into the stable 5V or 3.3V required for the internal logic. 5. **Output Relays:** The **"R2"** in the model name usually signifies **2 Relay Outputs**. These are physical switches that open or close based on programmed setpoints. --- ### 3. Connection Pinout (Typical) While you should always consult the manual, the wiring for the M2UDS series generally follows this logic: * **Power Input:** Terminals for L (Live) and N (Neutral). * **Sensor Input:** Specific pins for (+) and (-) signals (Current/Voltage) or 3-wire inputs for RTDs (Pt100). * **Relay Outputs:** Common (COM), Normally Open (NO), and Normally Closed (NC) contacts for Control/Alarm loops. --- ### 4. Application Logic The electronic logic allows for **Scaling**. For example, if you input a 4-20mA signal from a pressure sensor, the electronics can be programmed to display "0.0" to "100.0" Bar on the LED screen, even though the internal circuitry is only measuring a small voltage drop across a shunt resistor.
    ✨ Follow-up Questions
    • ⤷What is the specific input signal range for the A10-R2 model?
    • ⤷ How do I calibrate the display scaling on this device?
    • ⤷ What is the maximum current rating for the relay outputs?