M2UDS2-A1D-R
AI

The **M2UDS2-A1D-R** is a specific model of an **Industrial Magnetic Proximity Sensor**, typically categorized as a door or window contact sensor used in security, automation, and industrial control systems.
---
## 1. Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed Switch |
| **Output Type** | Dry Contact (Normally Open/Closed) |
| **Max Switching Voltage** | ~100V DC/AC (typical for this series) |
| **Max Switching Current** | 0.5A |
| **Contact Resistance** | < 200 mΩ |
| **Operating Distance** | 15mm to 25mm (Gap) |
| **Housing Material** | High-impact ABS Plastic or Zinc Alloy |
| **Wiring** | 2-wire or 3-wire lead configuration |
---
## 2. Key Electronic Components
### A. The Reed Switch
The heart of the M2UDS2-A1D-R is a **Reed Switch**. This consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope.
* **Mechanism:** When a permanent magnet (the actuator) comes within the specified sensing range, the magnetic field pulls the reeds together, closing the circuit.
* **Durability:** Because the contacts are sealed in an inert gas, they are protected against oxidation and corrosion.
### B. Magnetic Actuator
The part of the assembly labeled "A1D" usually refers to the specific magnetic strength and housing. The actuator contains a **Neodymium or Ferrite magnet** designed to trigger the switch at a precise distance.
### C. Protection Circuitry (Internal)
While basic models are simple switches, the "R" suffix often denotes a specific **Resistor configuration** (End-of-Line resistor) or a **Reverse polarity/Transient protection** diode, depending on the specific industrial integration requirement.
---
## 3. Application and Usage
This part is commonly used in:
1. **Industrial Security:** Monitoring the open/closed status of heavy-duty machinery guards.
2. **Access Control:** Detecting when high-security doors are breached.
3. **Position Sensing:** Ensuring a robotic arm or pneumatic cylinder has reached its "home" position.
---
## 4. Wiring Diagram Concept
```yaml
[ Power Source ] ---- [ Brown Wire ] ---- ( Reed Switch ) ---- [ Blue Wire ] ---- [ Load/PLC Input ]
```
*Note: If the model includes a 3rd wire (White/Black), it typically offers both NO (Normally Open) and NC (Normally Closed) options.*
- ⤷
What is the maximum operating temperature for the M2UDS2-A1D-R?
- ⤷ Does this model support NC (Normally Closed) logic?
- ⤷ What are the mounting requirements for the magnetic actuator to prevent false triggers?